Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 106 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 106 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 101Page - SPANSION MB9DF564MLE Datasheet HTML 102Page - SPANSION MB9DF564MLE Datasheet HTML 103Page - SPANSION MB9DF564MLE Datasheet HTML 104Page - SPANSION MB9DF564MLE Datasheet HTML 105Page - SPANSION MB9DF564MLE Datasheet HTML 106Page - SPANSION MB9DF564MLE Datasheet HTML 107Page - SPANSION MB9DF564MLE Datasheet HTML 108Page - SPANSION MB9DF564MLE Datasheet HTML 109Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
105
CONFIDENTIAL
17.Major Changes
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
11
3. Product Lineup
Add 176 pin product
14, 15
4. Pin Assignment
Add 176 pin product
16 to 33
5. Pin Description
Add 176 pin product
46, 47
10. Memory Map
Add address information of MB9DF564 and MB9DF565
54, 55
12. Pin Statuses in CPU Status
Add 176 pin product
102
14. Ordering Information
Change package name
Add 176 pin product
103, 104
16. Package Dimensions
Change package dimensions
Add 176 pin product
Revision 3.0
102
15. Part Number Option
Add part number option L, Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com