Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 24Page - Microchip Technology EMC1186 Datasheet HTML 25Page - Microchip Technology EMC1186 Datasheet HTML 26Page - Microchip Technology EMC1186 Datasheet HTML 27Page - Microchip Technology EMC1186 Datasheet HTML 28Page - Microchip Technology EMC1186 Datasheet HTML 29Page - Microchip Technology EMC1186 Datasheet HTML 30Page - Microchip Technology EMC1186 Datasheet HTML 31Page - Microchip Technology EMC1186 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
28
SMSC EMC1186
DATASHEET
Bit 0 - HWSD - This bit is set when the External Diode 1 Temperature exceeds the Hardware Thermal
Shutdown Limit set by the pull-up resistors on the ALERT and SYS_SHDN pins. When set, this bit will
assert the SYS_SHDN pin.
6.3
Configuration Register 03h / 09h
The Configuration Register controls the basic operation of the device. This register is fully accessible
at either address.
Bit 7 - MASK_ALL - Masks the ALERT pin from asserting.
‘0’ - (default) - The ALERT pin is not masked. If any of the appropriate status bits are set the
ALERT pin will be asserted.
‘1’ - The ALERT pin is masked. It will not be asserted for any interrupt condition unless it is
configured in comparator mode. The Status Registers will be updated normally.
Bit 6 - RUN / STOP - Controls Active/Standby modes.
‘0’ (default) - The device is in Active mode and converting on all channels.
‘1’ - The device is in Standby mode and not converting.
Bit 5 - ALERT/COMP - Controls the operation of the ALERT pin.
‘0’ (default) - The ALERT acts as an Alert pin and has interrupt behavior as described in
Section 5.5.1.
‘1’ - The ALERT acts as a THERM pin and has comparator behavior as described in Section 5.5.2.
In this mode the MASK_ALL bit is ignored.
Bit 4 - RECD1 - Disables the Resistance Error Correction (REC) for External Diode 1.
‘0’ (default) - REC is enabled for External Diode 1.
‘1’ - REC is disabled for External Diode 1.
Bit 2 - RANGE - Configures the measurement range and data format of the temperature channels.
‘0’ (default) - The temperature measurement range is 0°C to +127.875°C and the data format is
binary.
‘1’ -The temperature measurement range is -64°C to +191.875°C and the data format is offset
binary (see Table 5.3).
Bit 1 - DAVG_DIS - Disables the dynamic averaging feature on all temperature channels.
‘0’ (default) - The dynamic averaging feature is enabled. All temperature channels will be converted
with an averaging factor that is based on the conversion rate as shown in Table 6.5.
‘1’ - The dynamic averaging feature is disabled. All temperature channels will be converted with a
maximum averaging factor of 1x (equivalent to 11-bit conversion). For higher conversion rates, this
averaging factor will be reduced as shown in Table 6.5.
Table 6.3 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h
R/W
Configuration
MASK_
ALL
RUN/
STOP
ALERT/
COMP
RECD1
-
RANGE
DAVG_
DIS
00h
09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com