Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 32Page - Microchip Technology EMC1186 Datasheet HTML 33Page - Microchip Technology EMC1186 Datasheet HTML 34Page - Microchip Technology EMC1186 Datasheet HTML 35Page - Microchip Technology EMC1186 Datasheet HTML 36Page - Microchip Technology EMC1186 Datasheet HTML 37Page - Microchip Technology EMC1186 Datasheet HTML 38Page - Microchip Technology EMC1186 Datasheet HTML 39Page - Microchip Technology EMC1186 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
36
SMSC EMC1186
DATASHEET
APPLICATION NOTE: When measuring a 65nm Intel CPU, the Ideality Setting should be the default 12h. When
measuring a 45nm Intel CPU, the Ideality Setting should be 15h.
Bit 1 - E1HIGH - This bit is set when the External Diode 1 channel exceeds its programmed high limit.
Bit 0 - IHIGH - This bit is set when the Internal Diode channel exceeds its programmed high limit.
Bit 1 - ELOW - This bit is set when the External Diode channel drops below its programmed low limit.
Bit 0 - ILOW - This bit is set when the Internal Diode channel drops below its programmed low limit.
Bit 1 - ETHERM - This bit is set when the External Diode channel exceeds its programmed Therm
Limit. When set, this bit will assert the THERM pin.
Bit 0- ITHERM - This bit is set when the Internal Diode channel exceeds its programmed Therm Limit.
When set, this bit will assert the THERM pin.
6.13
Filter Control Register 40h
The Filter Configuration Register controls the digital filter on the External Diode 1 channel.
Bits 1-0 - FILTER[1:0] - Control the level of digital filtering that is applied to the External Diode 1
temperature measurement as shown in Table 6.18. See Figure 5.4 and Figure 5.5 for examples on the
filter behavior.
10h
0.9973
20h
1.0187
30h
1.0395
11h
0.9986
21h
1.0200
31h
1.0408
12h
1.0000
22h
1.0213
32h
1.0421
13h
1.0013
23h
1.0226
33h
1.0434
14h
1.0026
24h
1.0239
34h
1.0447
15h
1.0039
25h
1.0252
35h
1.0460
16h
1.0053
26h
1.0265
36h
1.0473
17h
1.0066
27h
1.0278
37h
1.0486
Table 6.17 Filter Configuration Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Filter Control
-
-
-
-
-
-
FILTER[1:0]
00h
Table 6.16 Substrate Diode Ideality Factor Look-Up Table (BJT Model) (continued)
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com