Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 7Page - Microchip Technology EMC1186 Datasheet HTML 8Page - Microchip Technology EMC1186 Datasheet HTML 9Page - Microchip Technology EMC1186 Datasheet HTML 10Page - Microchip Technology EMC1186 Datasheet HTML 11Page - Microchip Technology EMC1186 Datasheet HTML 12Page - Microchip Technology EMC1186 Datasheet HTML 13Page - Microchip Technology EMC1186 Datasheet HTML 14Page - Microchip Technology EMC1186 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
11
Revision 1.0 (07-11-13)
DATASHEET
3.3
SMBus Electrical Characteristics
890
1050
µA
4 conversions / sec, dynamic
averaging enabled
1120
µA
> 16 conversions / sec, dynamic
averaging enabled
Internal Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
-5°C < TA < 100°C
±2
°C
-40°C < TA < 125°C
Temperature Resolution
0.125
°C
External Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
+20°C < TDIODE < +110°C
0°C < TA < 100°C
±0.5
±2
°C
-40°C < TDIODE < 127°C
Temperature Resolution
0.125
°C
Conversion Time all
Channels
tCONV
150
ms
default settings
Capacitive Filter
CFILTER
2.2
2.7
nF
Connected across external diode
ALERT and SYS_SHDN pins
Output Low Voltage
VOL
0.4
V
ISINK = 8mA
Leakage Current
ILEAK
±5
µA
ALERT and SYS_SHDN pins
Device powered or unpowered
TA < 85°C
pull-up voltage < 3.6V
Table 3.3 SMBus Electrical Specifications
VDD = 3.0 to 3.6V, TA = -40°C to 125°C, all typical values are at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High Voltage
VIH
1.4
VDD
V
5V Tolerant. Voltage threshold
based on 1.8V operation
Input Low Voltage
VIL
-0.3
0.8
V
5V Tolerant. Voltage threshold
based on 1.8V operation
Leakage Current
ILEAK
±5
µA
Powered or unpowered
TA < 85°C
Table 3.2 Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com