Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 25Page - Microchip Technology EMC1186 Datasheet HTML 26Page - Microchip Technology EMC1186 Datasheet HTML 27Page - Microchip Technology EMC1186 Datasheet HTML 28Page - Microchip Technology EMC1186 Datasheet HTML 29Page - Microchip Technology EMC1186 Datasheet HTML 30Page - Microchip Technology EMC1186 Datasheet HTML 31Page - Microchip Technology EMC1186 Datasheet HTML 32Page - Microchip Technology EMC1186 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
29
Revision 1.0 (07-11-13)
DATASHEET
6.4
Conversion Rate Register 04h / 0Ah
The Conversion Rate Register controls how often the temperature measurement channels are updated
and compared against the limits. This register is fully accessible at either address.
Bits 3-0 - CONV[3:0] - Determines the conversion rate as shown in Table 6.5.
6.5
Limit Registers
Table 6.4 Conversion Rate Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
04h
R/W
Conversion
Rate
-
-
-
-
CONV[3:0]
06h
(4/sec)
0Ah
Table 6.5 Conversion Rate
CONV[3:0]
CONVERSIONS / SECOND
HEX
3
2
1
0
0h
0
0
0
0
1
1h
0
0
0
1
1
2h
0
0
1
0
1
3h
0
0
1
1
1
4h
0
1
0
0
1
5h
0
1
0
1
2
6h
0
1
1
0
4 (default)
7h
0
1
1
1
8
8h
1
0
0
0
16
9h
1
0
0
1
32
Ah
1
0
1
0
64
Bh - Fh
All others
1
Table 6.6 Temperature Limit Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
05h
R/W
Internal Diode
High Limit
128
6432
16
8
42
1
55h
(85°C)
0Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com