Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 42 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 42 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 35Page - Microchip Technology EMC1186 Datasheet HTML 36Page - Microchip Technology EMC1186 Datasheet HTML 37Page - Microchip Technology EMC1186 Datasheet HTML 38Page - Microchip Technology EMC1186 Datasheet HTML 39Page - Microchip Technology EMC1186 Datasheet HTML 40Page - Microchip Technology EMC1186 Datasheet HTML 41Page - Microchip Technology EMC1186 Datasheet HTML 42Page - Microchip Technology EMC1186 Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
42
SMSC EMC1186
DATASHEET
8.1
Package Markings
The EMC1186 devices will be marked as shown in Figure 8.4 and Figure 8.5.
Figure 8.4 EMC1186-1 8-Pin TDFN Package Markings
Figure 8.5 EMC1186-2 8-Pin TDFN Package Markings
BOTTOM
LINE 1: Preface, First digit of Device Code
LINE 2: Second digit of Device Code, Revision
TOP
PIN 1
E4
BOTTOM MARKING IS NOT ALLOWED
0R
BOTTOM
LINE 1: Preface, First digit of Device Code
LINE 2: Second digit of Device Code, Revision
TOP
PIN 1
E4
BOTTOM MARKING IS NOT ALLOWED
1R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com