Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 29Page - Microchip Technology EMC1186 Datasheet HTML 30Page - Microchip Technology EMC1186 Datasheet HTML 31Page - Microchip Technology EMC1186 Datasheet HTML 32Page - Microchip Technology EMC1186 Datasheet HTML 33Page - Microchip Technology EMC1186 Datasheet HTML 34Page - Microchip Technology EMC1186 Datasheet HTML 35Page - Microchip Technology EMC1186 Datasheet HTML 36Page - Microchip Technology EMC1186 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
33
Revision 1.0 (07-11-13)
DATASHEET
6.11
Consecutive ALERT Register 22h
The Consecutive ALERT Register determines how many times an out-of-limit error or diode fault must
be detected in consecutive measurements before the ALERT or SYS_SHDN pin is asserted.
Additionally, the Consecutive ALERT Register controls the SMBus Timeout functionality.
An out-of-limit condition (i.e. HIGH, LOW, or FAULT) occurring on the same temperature channel in
consecutive measurements will increment the consecutive alert counter. The counters will also be reset
if no out-of-limit condition or diode fault condition occurs in a consecutive reading.
When the ALERT pin is configured as an interrupt, when the consecutive alert counter reaches its
programmed value, the following will occur: the STATUS bit(s) for that channel and the last error
condition(s) (i.e. EHIGH,) will be set to ‘1’, the ALERT pin will be asserted, the consecutive alert
counter will be cleared, and measurements will continue.
When the ALERT pin is configured as a comparator, the consecutive alert counter will ignore diode
fault and low limit errors and only increment if the measured temperature exceeds the High Limit.
Additionally, once the consecutive alert counter reaches the programmed limit, the ALERT pin will be
asserted, but the counter will not be reset. It will remain set until the temperature drops below the High
Limit minus the Therm Hysteresis value.
For example, if the CALRT[2:0] bits are set for 4 consecutive alerts on an EMC1186 device, the high
limits are set at 70°C, and none of the channels are masked, the ALERT pin will be asserted after the
following four measurements:
1. Internal Diode reads 71°C and the external diode reads 69°C. Consecutive alert counter for INT is
incremented to 1.
2. Both the Internal Diode and the External Diode read 71°C. Consecutive alert counter for INT is
incremented to 2 and for EXT1 is set to 1.
3. The External Diode reads 71°C and the Internal Diode reads 69°C. Consecutive alert counters
for INT is cleared and EXT is incremented to 2.
4. The Internal Diode reads 71°C and the external diode reads 71°C. Consecutive alert counter for
INT is set to 1, and EXT1 is incremented to 3.
5. The Internal Diode reads 71°C and the external diodes read 71°C. Consecutive alert counter for
INT is incremented to 2, and EXT1 is incremented to 4. The appropriate status bits are set for
EXT1 and the ALERT pin is asserted. EXT1 counter is reset to 0 and all other counters hold the
last value until the next temperature measurement.
Bit 7 - TIMEOUT - Determines whether the SMBus Timeout function is enabled.
‘0’ (default) - The SMBus Timeout feature is disabled. The SMCLK line can be held low indefinitely
without the device resetting its SMBus protocol.
‘1’ - The SMBus Timeout feature is enabled. If the SMCLK line is held low for more than tTIMEOUT,
the device will reset the SMBus protocol.
Bits 6-4 CTHRM[2:0] - Determines the number of consecutive measurements that must exceed the
corresponding Therm Limit and Hardware Thermal Shutdown Limit before the SYS_SHDN pin is
asserted. All temperature channels use this value to set the respective counters. The consecutive
THERM counter is incremented whenever any of the measurements exceed the corresponding Therm
Limit or if the External Diode 1 measurement exceeds the Hardware Thermal Shutdown Limit.
Table 6.12 Consecutive ALERT Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
22h
R/W
Consecutive
ALERT
TIME
OUT
CTHRM[2:0]
CALRT[2:0]
-
70h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com