Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 6Page - Microchip Technology EMC1186 Datasheet HTML 7Page - Microchip Technology EMC1186 Datasheet HTML 8Page - Microchip Technology EMC1186 Datasheet HTML 9Page - Microchip Technology EMC1186 Datasheet HTML 10Page - Microchip Technology EMC1186 Datasheet HTML 11Page - Microchip Technology EMC1186 Datasheet HTML 12Page - Microchip Technology EMC1186 Datasheet HTML 13Page - Microchip Technology EMC1186 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
10
SMSC EMC1186
DATASHEET
Chapter 3 Electrical Specifications
3.1
Absolute Maximum Ratings
Note: Stresses at or above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note 3.1
For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA,SYS_SHDN, and
ALERT), the pull-up voltage must not exceed 3.6V when the device is unpowered.
3.2
Electrical Specifications
Table 3.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage (VDD)
-0.3 to 4.0
V
Voltage on 5V tolerant pins (V5VT_pin)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 3.1)0 to 3.6
V
Voltage on any other pin to Ground
-0.3 to VDD +0.3
V
Operating Temperature Range
-40 to +125
°C
Storage Temperature Range
-55 to +150
°C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-020
Package Thermal Characteristics for DFN-10
Thermal Resistance (
θj-a)77.1
°C/W
ESD Rating, All pins HBM
2000
V
Table 3.2 Electrical Specifications
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
200
410
µA
0.0625 conversion / sec, dynamic
averaging disabled
215
425
µA
1 conversion / sec, dynamic
averaging disabled
325
465
µA
4 conversions / sec, dynamic
averaging disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com