Electronic Components Datasheet Search
  English  ▼

X  

EMC1186 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 30Page - Microchip Technology EMC1186 Datasheet HTML 31Page - Microchip Technology EMC1186 Datasheet HTML 32Page - Microchip Technology EMC1186 Datasheet HTML 33Page - Microchip Technology EMC1186 Datasheet HTML 34Page - Microchip Technology EMC1186 Datasheet HTML 35Page - Microchip Technology EMC1186 Datasheet HTML 36Page - Microchip Technology EMC1186 Datasheet HTML 37Page - Microchip Technology EMC1186 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
34
SMSC EMC1186
DATASHEET
If the temperature drops below the Therm Limit or Hardware Thermal Shutdown Limit, the counter is
reset. If the programmed number of consecutive measurements exceed the Therm Limit or Hardware
Thermal Shutdown Limit, and the appropriate channel is linked to the SYS_SHDN pin, the SYS_SHDN
pin will be asserted low.
Once the SYS_SHDN pin is asserted, the consecutive Therm counter will not reset until the
corresponding temperature drops below the appropriate limit minus the corresponding hysteresis.
The bits are decoded as shown in Table 6.13. The default setting is 4 consecutive out of limit
conversions.
Bits 3-1 - CALRT[2:0] - Determine the number of consecutive measurements that must have an out of
limit condition or diode fault before the ALERT pin is asserted. All temperature channels use this value
to set the respective counters. The bits are decoded as shown in Table 6.13. The default setting is 1
consecutive out of limit conversion.
6.12
External Diode Ideality Factor Registers 27h to 31h
These registers store the ideality factors that are applied to the external diodes. Table 6.15 defines
each setting and the corresponding ideality factor. Beta Compensation and Resistance Error Correction
automatically correct for most diode ideality errors; therefore, it is not recommended that these settings
be updated without consulting SMSC.
Table 6.13 Consecutive Alert / Therm Settings
21
0
NUMBER OF CONSECUTIVE OUT OF LIMIT
MEASUREMENTS
00
0
1
(default for CALRT[2:0])
00
1
2
01
1
3
11
1
4
(default for CTHRM[2:0])
Table 6.14 Ideality Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
External
Diode 1
Ideality
Factor
-
-
IDEALITY1[5:0]
12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com