Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 45Page - Analog Devices ADM1260 Datasheet HTML 46Page - Analog Devices ADM1260 Datasheet HTML 47Page - Analog Devices ADM1260 Datasheet HTML 48Page - Analog Devices ADM1260 Datasheet HTML 49Page - Analog Devices ADM1260 Datasheet HTML 50Page - Analog Devices ADM1260 Datasheet HTML 51Page - Analog Devices ADM1260 Datasheet HTML 52Page - Analog Devices ADM1260 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 49 of 71
Table 15. Registers Used to Configure the Outputs1
Output
Reg.
Addr.
Register
Name
Bits
Bit Name
R/W
Description
PDO1
0x07
PDO1CFG
7
Not
applicable
This bit cannot be used.
[6:4]
CFG6 to CFG4
R/W
These bits control the logic source driving the PDOx pin, that is, the SE, the
internal clock, or the SMBus, directly.
CFG6
CFG5
CFG4
PDOx Status
0
0
0
Disabled, with a weak pull-down resistor
0
0
1
Enabled; follows the logic driven by the SE
0
1
0
Enables SMBus data, driven low
0
1
1
Enables SMBus data, driven high
1
X
X
Enables the 100 kHz clock out onto the pin
[3:0]
CFG3 to CFG0
R/W
These bits determine the format of the pull-up resistor on the PDOx pin.
CFG3
CFG2
CFG1
CFG0
PDOx Pull-Up Resistor
0
0
0
X
None
0
0
1
X
Pull-up to 12 V charge pump
voltage
0
1
0
0
Weak, open-drain pull-up to VP1
0
1
0
1
Push-pull pull-up to VP1
0
1
1
0
Weak, open-drain pull-up to VP2
0
1
1
1
Push-pull pull-up to VP2
1
0
0
0
Weak, open-drain pull-up to VP3
1
0
0
1
Push-pull pull-up to VP3
1
0
1
0
Weak, open-drain pull-up to VP4
1
0
1
1
Push-pull pull-up to VP4
1
1
1
0
Weak, open-drain pull-up to
VDDCAP
1
1
1
1
Push-pull pull-up to VDDCAP
PDO2
0x0F
PDO2CFG
7
Not
applicable
This bit cannot be used.
[6:4]
CFG6 to CFG4
R/W
These bits control the logic source driving the PDOx pin, that is, the SE, the
internal clock, or the SMBus, directly.
CFG6
CFG5
CFG4
PDOx Status
0
0
0
Disabled, with a weak pull-down resistor
0
0
1
Enabled; follows the logic driven by the SE
0
1
0
Enables SMBus data, driven low
0
1
1
Enables SMBus data, driven high
1
X
X
Enables the 100 kHz clock out onto the pin
[3:0]
CFG3 to CFG0
R/W
These bits determine the format of the pull-up resistor on the PDOx pin.
CFG3
CFG2
CFG1
CFG0
PDOx Pull-Up Resistor
0
0
0
X
None
0
0
1
X
Pull-up to 12 V charge pump
voltage
0
1
0
0
Weak, open-drain pull-up to VP1
0
1
0
1
Push-pull pull-up to VP1
0
1
1
0
Weak, open-drain pull-up to VP2
0
1
1
1
Push-pull pull-up to VP2
1
0
0
0
Weak, open-drain pull-up to VP3
1
0
0
1
Push-pull pull-up to VP3
1
0
1
0
Weak, open-drain pull-up to VP4
1
0
1
1
Push-pull pull-up to VP4
1
1
1
0
Weak, open-drain pull-up to
VDDCAP
1
1
1
1
Push-pull pull-up to VDDCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com