Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 23Page - Analog Devices ADM1260 Datasheet HTML 24Page - Analog Devices ADM1260 Datasheet HTML 25Page - Analog Devices ADM1260 Datasheet HTML 26Page - Analog Devices ADM1260 Datasheet HTML 27Page - Analog Devices ADM1260 Datasheet HTML 28Page - Analog Devices ADM1260 Datasheet HTML 29Page - Analog Devices ADM1260 Datasheet HTML 30Page - Analog Devices ADM1260 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 27 of 71
Use the following procedure to implement closed-loop margining:
1.
Disable the six DACx outputs.
2.
Set the DAC output voltage equal to the voltage on the
feedback node.
3.
Enable the DAC.
4.
Read the voltage at the dc-to-dc converter output that is
connected to one of the VPx, VH, or VXx pins.
5.
If necessary, modify the DACx output code up or down to
adjust the dc-to-dc converter output voltage. Otherwise, do
not take any action because the target voltage is achieved.
6.
Set the DAC output voltage to a value that alters the supply
output by the required amount (for example, by ±5%).
7.
Repeat Step 4 through Step 6 until the measured supply
reaches the target voltage.
Step 1 to Step 3 ensure that when the DACx output buffer is
turned on, it has little effect on the dc-to-dc converter output.
The DAC output buffer is designed to power up without glitching
by first powering up the buffer to follow the pin voltage. The
buffer does not drive out onto the pin at this time. After the
output buffer is properly enabled, the buffer input is switched
over to the DAC, and the output stage of the buffer turns on.
Output glitching is negligible.
WRITING TO THE DACs
Four DAC ranges are available on the ADM1260. These ranges
can be placed with midcode (Code 0x7F) at 0.6 V, 0.8 V, 1.0 V,
and 1.25 V. These voltages are placed to correspond to the most
common feedback voltages. Centering the DAC outputs in this
way provides the best use of the DAC resolution. For most
supplies, it is possible to place the DAC midcode at the point
where the dc-to-dc converter output is not modified, thereby
giving half of the DAC range to margin up and the other half to
margin down.
The DAC output voltage is set by the code written to the
DACx register. The voltage is linear with the unsigned binary
number in this register. Code 0x7F is placed at the midcode
voltage, as described previously. The output voltage is given by
DAC Output = (DACx − 0x7F)/255 × 0.6015 + VOFF
where VOFF is one of the four offset voltages.
There are 256 DAC settings available. The midcode value is
located at DAC Code 0x7F as close as possible to the middle
of the 256 code range. The full output swing of the DACs is
+302 mV (+128 codes) and −300 mV (−127 codes) around
the selected midcode voltage. The voltage range for each
midcode voltage is shown in Table 10.
Table 10. Ranges for Midcode Voltages
Midcode
Voltage (V)
Minimum Voltage
Output (V)
Maximum Voltage
Output (V)
0.6
0.300
0.902
0.8
0.500
1.102
1.0
0.700
1.302
1.25
0.950
1.552
CHOOSING THE SIZE OF THE ATTENUATION
RESISTOR
The size of the attenuation resistor, R3, determines how much
the DAC voltage swing affects the output voltage of the dc-to-dc
converter being margined (see Figure 34).
Because the voltage at the feedback pin remains constant, the
current flowing from the feedback node to GND through R2 is
a constant. In addition, the feedback node itself is high impedance.
This means that the current flowing through R1 is the same as
the current flowing through R3.
Therefore, a direct relationship exists between the extra voltage
drop across R1 during margining and the voltage drop across R3.
This relationship is given by the following equation:
ΔVOUT =
R3
R1 (V
FB
− VDACOUT)
where:
ΔVOUT is the change in VOUT.
VFB is the voltage at the feedback node of the dc-to-dc converter.
VDACOUT is the voltage output of the margining DAC.
This equation demonstrates that if the user wants the output
voltage to change by ±300 mV, then R1 = R3. If the user wants the
output voltage to change by ±600 mV, then R1 = 2 × R3, and so on.
It is best to use the full DAC output range to margin a supply.
Choosing the attenuation resistor in this way provides the most
resolution from the DAC, meaning that with one DAC code
change, the smallest effect on the dc-to-dc converter output
voltage is induced. If the resistor is sized up to use a code such
as 27 decimal to 227 decimal to move the dc-to-dc converter output
by ±5%, it takes 100 codes to move 5% (each code moves the
output by 0.05%). This is beyond the readback accuracy of the
ADC, but it does not prevent the user from building a circuit to
use the most resolution.
DAC LIMITING AND OTHER SAFETY FEATURES
Limit registers on the device (DPLIMx and DNLIMx) offer the
user some protection from firmware bugs that can cause cata-
strophic board problems by forcing supplies beyond their allowable
output ranges. Essentially, the DAC code written into the DACx
register is clipped such that the code used to set the DAC
voltage is given by
DAC Code
= DACx,
DACx
≥ DNLIMx and DACx ≤ DPLIMx
= DNLIMx,
DACx < DNLIMx
= DPLIMx,
DACx > DPLIMx
In addition, the DAC output buffer is three-stated if DNLIMx >
DPLIMx. By programming the limit registers this way, the user
can make it very difficult for the DAC output buffers to turn on
during normal system operation. The limit registers are among
the registers downloaded from EEPROM at startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com