Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 26Page - Analog Devices ADM1260 Datasheet HTML 27Page - Analog Devices ADM1260 Datasheet HTML 28Page - Analog Devices ADM1260 Datasheet HTML 29Page - Analog Devices ADM1260 Datasheet HTML 30Page - Analog Devices ADM1260 Datasheet HTML 31Page - Analog Devices ADM1260 Datasheet HTML 32Page - Analog Devices ADM1260 Datasheet HTML 33Page - Analog Devices ADM1260 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
ADM1260
Data Sheet
Rev. 0 | Page 30 of 71
COMMUNICATING WITH THE ADM1260
CONFIGURATION DOWNLOAD AT POWER-UP
The configuration of the ADM1260 (undervoltage/overvoltage
thresholds, glitch filter timeouts, and PDOx configurations) is
dictated by the contents of the RAM. The RAM comprises digital
latches that are local to each function on the device. The latches
are double buffered and have two identical latches, Latch A and
Latch B. Therefore, when an update to a function occurs, the
contents of Latch A are updated first, and then the contents of
Latch B are updated with identical data. The advantages of this
architecture are explained in detail in the Updating the
Configuration section.
The two latches are volatile memory and lose their contents at
power-down. Therefore, the configuration in the RAM must
be restored at power-up by downloading the contents of the
EEPROM (nonvolatile memory) to the local latches. This
download occurs in steps, as follows:
1.
With no power applied to the device, the PDOx pins are all
high impedance.
2.
When 1.2 V appears on any of the inputs connected to the
VDD arbitrator (VH or VPx), the PDOx pins are all weakly
pulled to GND with a 20 kΩ resistor.
3.
When the supply rises above the UVLO threshold of the
device (2.5 V), the EEPROM starts to download to the RAM.
4.
The EEPROM downloads its contents to all Latch As.
5.
When the contents of the EEPROM are completely
downloaded to the Latch As, the device controller signals
all Latch As to download to all Latch Bs simultaneously,
completing the configuration download.
6.
At 0.5 ms after the configuration download completes, the first
state definition is downloaded from the EEPROM into the SE.
Any attempt to communicate with the device prior to the
completion of the download causes the ADM1260 to issue a no
acknowledge .
UPDATING THE CONFIGURATION
After power-up, with all the configuration settings loaded from
the EEPROM into the RAM registers, the user may need to alter
the configuration of functions on the ADM1260, such as changing
the undervoltage or overvoltage limit of an SFD, changing the
fault output of an SFD, or adjusting the rise time delay of one of
the PDOx pins.
The ADM1260 provides several options that allow the user to
update the configuration over the SMBus interface. The following
three options are controlled in the UPDCFG register.
Option 1
Update the configuration in real time. Write to the RAM across
the SMBus to update the configuration immediately.
Option 2
Update the Latch As without updating the Latch Bs. With this
method, the configuration of the ADM1260 remains unchanged
and continues to operate in the original setup until the
instruction is given to update the Latch Bs.
Option 3
Change the EEPROM register contents without changing the
RAM contents, and then download the revised EEPROM contents
to the RAM registers. With this method, the configuration of
the ADM1260 remains unchanged and continues to operate in
the original setup until the instruction is given to update the RAM.
The instruction to download from the EEPROM in Option 3 is
also a useful way to restore the original EEPROM contents if
revisions to the configuration are unsatisfactory. For example,
to alter an overvoltage threshold, update the RAM register as
described in the Option 1 section. However, if the user is not
satisfied with the change and wants to revert to the original
programmed value, the device controller can issue a command to
download the EEPROM contents to the RAM again, as described
in the Option 3 section, restoring the ADM1260 to its original
configuration.
The topology of the ADM1260 makes this type of operation
possible. The local, volatile registers (RAM) are all double
buffered latches. Setting Bit 0 of the UPDCFG register to 1 leaves
the double buffered latches open at all times. If Bit 0 is set to 0
when a RAM write occurs across the SMBus, only the first side
of the double buffered latch is written to. The user must then
write a 1 to Bit 1 of the UPDCFG register. This write generates a
pulse to update all the second latches simultaneously. EEPROM
writes occur in a similar way.
The final bit in this register can enable or disable EEPROM page
erasure. If this bit is set high, the contents of an EEPROM page
can all be set to 1. If this bit is set low, the contents of a page cannot
be erased, even if the command code for page erasure is programmed
across the SMBus. The bit map for the UPDCFG register is
shown in Figure 51. A flow diagram for download at power-up
and subsequent configuration updates is shown in Figure 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com