Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 9Page - Analog Devices ADM1260 Datasheet HTML 10Page - Analog Devices ADM1260 Datasheet HTML 11Page - Analog Devices ADM1260 Datasheet HTML 12Page - Analog Devices ADM1260 Datasheet HTML 13Page - Analog Devices ADM1260 Datasheet HTML 14Page - Analog Devices ADM1260 Datasheet HTML 15Page - Analog Devices ADM1260 Datasheet HTML 16Page - Analog Devices ADM1260 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 13 of 71
CH1 200mV
CH1 200mV
M1.00µs
CH1
756mV
1
Figure 16. Transient Response of the DAC Code Change into a Typical Load
(See Figure 20 for the Corresponding Probe Point Diagram)
CH1 200mV
M1.00µs
CH1
944mV
1
Figure 17. Transient Response of a DAC to Turn On from a High-Z State
(See Figure 21 for the Corresponding Probe Point Diagram)
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–40
–20
0
20
40
60
100
80
TEMPERATURE (
C)
VP1 = 3.0V
VP1 = 4.75V
Figure 18. DAC Output vs. Temperature
2.038
2.043
2.048
2.053
2.058
-40
-20
0
204060
80
100
TEMPERATURE (ºC)
VP1 = 3.0V
VP1 = 4.5V
Figure 19. REFOUT vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com