Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 33 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 29Page - Analog Devices ADM1260 Datasheet HTML 30Page - Analog Devices ADM1260 Datasheet HTML 31Page - Analog Devices ADM1260 Datasheet HTML 32Page - Analog Devices ADM1260 Datasheet HTML 33Page - Analog Devices ADM1260 Datasheet HTML 34Page - Analog Devices ADM1260 Datasheet HTML 35Page - Analog Devices ADM1260 Datasheet HTML 36Page - Analog Devices ADM1260 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 33 of 71
19
9
1
19
9
1
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
ACK BY
SLAVE
ACK BY
SLAVE
FRAME 2
COMMAND CODE
FRAME 1
SLAVE ADDRESS
FRAME N
DATA BYTE
FRAME 3
DATA BYTE
SCL
SDA
R/W
STOP
BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
A0
A1
1
1
1
0
0
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 38. General SMBus Write Timing Diagram
19
9
1
19
9
1
START BY
MASTER
ACK BY
SLAVE
ACK BY
MASTER
ACK BY
MASTER
NACK
FRAME 2
DATA BYTE
FRAME 1
SLAVE ADDRESS
FRAME N
DATA BYTE
FRAME 3
DATA BYTE
SCL
SDA
R/W
STOP
BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
A0
A1
1
1
1
0
0
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 39. General SMBus Read Timing Diagram
SCL
SDA
PS
S
P
tSU;STO
tHD;STA
tSU;STA
tSU;DAT
tHD;DAT
tHD;STA
tHIGH
tBUF
tLOW
tR
tF
Figure 40. Serial Bus Timing Diagram
SMBus PROTOCOLS FOR RAM AND EEPROM
The ADM1260 contains volatile registers (RAM) and nonvolatile
registers (EEPROM). User RAM occupies Address 0x00 to
Address 0xDF, and the EEPROM occupies Address 0xF800 to
Address 0xFBFF.
Data can be written to and read from both the RAM and the
EEPROM as single data bytes. Data can be written only to
unprogrammed EEPROM locations. To write new data to a
programmed location, the location contents must first be erased.
EEPROM erasure cannot be done at the byte level. The EEPROM
is arranged as 32 pages of 32 bytes each, and an entire page
must be erased.
Page erasure is enabled by setting Bit 2 in the UPDCFG register
(Address 0x90) to 1. If this bit is not set, page erasure cannot
occur, even if the command byte (0xFE) is programmed across
the SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com