Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 12Page - Analog Devices ADM1260 Datasheet HTML 13Page - Analog Devices ADM1260 Datasheet HTML 14Page - Analog Devices ADM1260 Datasheet HTML 15Page - Analog Devices ADM1260 Datasheet HTML 16Page - Analog Devices ADM1260 Datasheet HTML 17Page - Analog Devices ADM1260 Datasheet HTML 18Page - Analog Devices ADM1260 Datasheet HTML 19Page - Analog Devices ADM1260 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
ADM1260
Data Sheet
Rev. 0 | Page 16 of 71
INPUTS
SUPPLY SUPERVISION
The ADM1260 has 10 programmable inputs. Five of these inputs
are dedicated supply fault detectors (SFDs). These dedicated inputs
are VH and VPx (VP1 to VP4) by default. The other five inputs
are VXx (VX1 to VX5) and have dual functionality. These dual
function inputs can be used either as SFDs, with functionality
similar to that of VH and VPx, or as CMOS-/TTL-compatible
logic inputs to the device. Therefore, the ADM1260 can have up
to 10 analog inputs, a minimum of five analog inputs and five
digital inputs, or a combination thereof. If an input is used as an
analog input, it cannot be used as a digital input. Therefore, a
configuration requiring 10 analog inputs has no available digital
inputs. Table 6 shows the details of each input.
PROGRAMMING THE SUPPLY FAULT DETECTORS
The ADM1260 can have up to 10 SFDs on its 10 input channels.
These highly programmable reset generators enable the supervision
of up to 10 supply voltages. The supplies can be as low as 0.573 V
and as high as 14.4 V. The inputs can be configured to detect an
undervoltage fault (the input voltage drops below a preprogram-
med value), an overvoltage fault (the input voltage rises above a
preprogrammed value), or an out of window fault (the input
voltage is outside a preprogrammed range). The thresholds can
be programmed to an 8-bit resolution in registers provided in the
ADM1260. This 8-bit resolution translates to a voltage resolution
that is dependent on the range selected.
The resolution is given by
Step Size = Threshold Range/255
Therefore, if the high range is selected on VH, calculate the step
size as
(14.4 V − 6.0 V)/255 = 32.9 mV
Table 5 lists the upper and lower limits of each available range,
the bottom of each range (VB), and the range itself (VR).
Table 5. Voltage Range Limits
Voltage Range (V)
VB (V)
VR (V)
0.573 to 1.375
0.573
0.802
1.25 to 3.00
1.25
1.75
2.5 to 6.0
2.5
3.5
6.0 to 14.4
6.0
8.4
The threshold value required is given by
VT = (VR × N)/255 + VB
where:
VT is the desired threshold voltage (undervoltage or overvoltage).
VR is the voltage range.
N is the decimal value of the 8-bit code.
VB is the bottom of the range.
Reversing the equation, the code for a desired threshold is given by
N = 255 × (VT − VB)/VR
For example, if the user wants to set a 5 V overvoltage threshold
on VP1, the code to be programmed in the PS1OVTH register
is given by
N = 255 × (5 − 2.5)/3.5
Therefore, N = 182 (1011 0110 or 0xB6).
INPUT COMPARATOR HYSTERESIS
The undervoltage and overvoltage comparators shown in Figure 23
are always monitoring VPx. To avoid chatter (multiple transitions
when the input is very close to the set threshold level), these
comparators have digitally programmable hysteresis. The hysteresis
can be programmed up to the values shown in Table 6.
The hysteresis is added after a supply voltage goes out of
tolerance. Therefore, the user can program the amount above
the undervoltage threshold to which the input must rise before
an undervoltage fault is deasserted. Similarly, the user can program
the amount below the overvoltage threshold to which an input
must fall before an overvoltage fault is deasserted.
+
–
+
–
UV
COMPARATOR
VREF
FAULT TYPE
SELECT
OV
COMPARATOR
FAULT
OUTPUT
GLITCH
FILTER
VPx
MID
LOW
RANGE
SELECT
ULTRA
LOW
Figure 23. Supply Fault Detector Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com