Electronic Components Datasheet Search
  English  ▼

X  

ADM1260 Datasheet(PDF) 67 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 63Page - Analog Devices ADM1260 Datasheet HTML 64Page - Analog Devices ADM1260 Datasheet HTML 65Page - Analog Devices ADM1260 Datasheet HTML 66Page - Analog Devices ADM1260 Datasheet HTML 67Page - Analog Devices ADM1260 Datasheet HTML 68Page - Analog Devices ADM1260 Datasheet HTML 69Page - Analog Devices ADM1260 Datasheet HTML 70Page - Analog Devices ADM1260 Datasheet HTML 71Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 67 of 71
BLACK BOX STATUS REGISTERS AND FAULT
RECORDS
Each time the ADM1260 SE changes state, the contents of the
UVSTATx, OVSTATx, LIMSTATx, and GPISTATx registers,
along with some other pieces of information relating to the SE
state and the cause of the last state transition, are latched into
seven black box status registers.
These registers provide a snapshot of the state of the inputs
being monitored by the ADM1260, what the last state was, and
what caused the last state change.
After the SE changes state, if the new state it enters has its
corresponding STATEx bit set (see the BBWRTRGx registers),
the seven black box status registers are written sequentially into
the next available location in the black box EEPROM section.
After the seven bytes are written, an eighth checksum byte is
written to provide a method to check data integrity. This check
is important if only a partial record is written because all the
supplies powering the device failed.
The checksum byte is a simple addition of the values written
into the seven other EEPROM location for a given fault record.
The order of the bytes in a fault record stored in EEPROM is as
follows:
1.
PREVSTEXT
2.
PREVSEQST
3.
BBSTAT1
4.
BBSTAT2
5.
BBSTAT3
6.
BBSTAT4
7.
BBSTAT5
8.
CHECKSUM
The bytes are stored from lowest to the highest EEPROM address;
therefore, for the first fault record location in the black box
EEPROM, PREVSTEXT is stored at 0xF980 and CHECKSUM at
0xF987.
Table 31. Black Box Fault and Status Registers1
Register
Address
Register
Name
Bits
Bit Name
R/W
Description
0xEA
PREVSTEXT
7
BBUSED
N/A
This bit always reads as 0. When this bit is written to the first byte of a fault
record in EEPROM, it marks all eight bytes in use. When the black box is searching
for the next free location to use, this bit is examined. If this bit is 0, then even if
the previous fault record is only partially written to EEPROM, the eight bytes of
the fault record are ignored.
6
ICBMSG
R
This bit indicates that the previous state transition was triggered by a message
received on the ICB.
5
SMBJUMP
R
This bit indicates that the previous state transition was due to an SMB jump
being received.
4
LIMWARN
R
This bit indicates that the previous state transition was due to one or more ADC
warning limits being exceeded.
3
SFDCMP
R
This bit indicates that the previous state transition was due to one or more
supply fault detector limits being exceeded.
2
Timeout
R
This bit indicates that the previous state transition was due to the timeout
condition becoming true.
1
Monitor
R
This bit indicates that the previous state transition was due to the monitor
condition becoming true.
0
Sequence
R
This bit indicates that the previous state transition was due to the sequence
condition becoming true.
0xEB
PREVSEQST
[5:0]
PREVADDR
R
State number of the state that was active immediately prior to the current state.
0xEC
BBSTAT1
7
UV_VX3
R
Undervoltage threshold exceeded on VX3 (SFD) or VP3 (warning).
6
UV_VX2
R
Undervoltage threshold exceeded on VX2 (SFD) or VP2 (warning).
5
UV_VX1
R
Undervoltage threshold exceeded on VX1 (SFD) or VP1 (warning).
4
UV_VH
R
Undervoltage threshold exceeded on the VH SFD.
3
UV_VP4
R
Undervoltage threshold exceeded on the VP4 SFD.
2
UV_VP3
R
Undervoltage threshold exceeded on the VP3 SFD.
1
UV_VP2
R
Undervoltage threshold exceeded on the VP2 SFD.
0
UV_VP1
R
Undervoltage threshold exceeded on the VP1 SFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com