Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7761 Datasheet HTML 35Page - Analog Devices AD7761 Datasheet HTML 36Page - Analog Devices AD7761 Datasheet HTML 37Page - Analog Devices AD7761 Datasheet HTML 38Page - Analog Devices AD7761 Datasheet HTML 39Page - Analog Devices AD7761 Datasheet HTML 40Page - Analog Devices AD7761 Datasheet HTML 41Page - Analog Devices AD7761 Datasheet HTML 42Page - Analog Devices AD7761 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 39 of 69
ANALOG INPUTS
Figure 58 shows the AD7761 analog front end. The ESD
protection diodes that are designed to protect the ADC from
some short duration overvoltage and ESD events are shown on
the signal path. The analog input is sampled at twice the
modulator sampling frequency, fMOD, which is derived from
MCLK. By default, the ADC internal sampling capacitors, CS1
and CS2, are driven by a per channel analog input precharge
buffer to ease the driving requirement of the external network.
BPS 0+
AVDD1
AIN0+
CS2
PHI 0
PHI 1
PHI 1
PHI 0
CS1
AIN0–
AVSS
AVSS
AVDD1
BPS 0–
Figure 58. Analog Front End
The analog input precharge buffers provide the initial approximate
charging of the switched capacitor network for 25% of the sampling
phase. During this first phase, the bypass switches, BPS 0+ and
BPS 0−, remain open. For the remaining 75% of the sampling
phase, the bypass switches are closed, and the fine accuracy
settling charge is provided by the external source. PHI 0 and PHI 1
represent the modulator clock sampling phases that switch the
input signals onto the sampling capacitors, CS1 and CS2.
The analog input precharge buffers reduce the switching kickback
from the sampling stage to the external circuitry. The precharge
buffer reduces the average input current by a factor of eight, and
makes the input current more signal independent, to reduce the
effects of sampling distortion. This reduction in drive requirements
allows pairing of the AD7761 with lower power, lower bandwidth
front-end driver amplifiers such as the ADA4940-1/ADA4940-2.
–400
–300
–200
–100
0
100
200
300
400
01
23456
INPUT VOLTAGE (VDIFF)
UNBUFFERED AINx+
UNBUFFERED AINx–
Figure 59. Analog Input Current (AIN) vs. Input Voltage, Analog Input
Precharge Buffer Off, VCM = 2.5 V, fMOD = 8.192 MHz
–30
–25
–20
–15
–10
–5
0
01234
INPUT VOLTAGE (VDIFF)
PRECHARGE BUFFERED AINx+
PRECHARGE BUFFERED AINx–
Figure 60. Analog Input Current (AIN) vs. Input Voltage, Analog Input
Precharge Buffer On, VCM = 2.5 V, fMOD = 8.192 MHz
The analog input precharge buffers can be turned on/off by means
of a register write to Register 0x11 and Register 0x12 (Precharge
Buffer Register 1 and Precharge Buffer Register 2, respectively).
Each analog input precharge buffer is selectable per channel. In
pin control mode, the analog input precharge buffers are always
enabled for optimum performance.
When the analog input precharge buffers are disabled, the
analog input current is sourced completely from the analog
input source. The unbuffered analog input current is calculated
from two components: the differential input voltage on the
analog input pair, and the analog input voltage with respect to
AVSS. With the precharge buffers disabled, for 32.768 MHz
MCLK in fast mode with fMOD = MCLK/4, the differential input
current is approximately 48 μA/V and the current with respect
to ground is approximately 17 μA/V.
For example, if the precharge buffers are off, with AIN1+ = 5 V,
and AIN1− = 0 V, estimate the current in each input pin as
follows:
AIN1+ = 5 V × 48 μA/V + 5 V × 17 μA/V = 325 μA
AIN1− = −5 V × 48 μA/V + 0 V × 17 μA/V = −240 μA
When the precharge buffers are enabled, the absolute voltage with
respect to AVSS determines the majority of the current. The
maximum input current of approximately −25 μA is measured
when the analog input is close to either the AVDD1 or AVSS rails.
With either precharge buffers enabled or disabled, the analog
input current scales linearly with the modulator clock rate. The
analog input current vs. input voltage is shown in Figure 59.
Full settling of the analog inputs to the ADC requires the use of an
external amplifier. Pair amplifiers such as the ADA4805-2 for focus
mode, the ADA4805-2 or ADA4940-1/ADA4940-2 for median
mode, and the ADA4807-2 or ADA4896-2 for fast mode with the
AD7761 (see Table 24 for details on some of these pairings.).
Running the AD7761 in median and focus modes or reducing
the MCLK rate reduces the load and speed requirements of the
amplifier; therefore, lower power amplifiers can be paired with
the analog inputs to achieve the optimum signal chain efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com