Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 63 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD7761 Datasheet HTML 59Page - Analog Devices AD7761 Datasheet HTML 60Page - Analog Devices AD7761 Datasheet HTML 61Page - Analog Devices AD7761 Datasheet HTML 62Page - Analog Devices AD7761 Datasheet HTML 63Page - Analog Devices AD7761 Datasheet HTML 64Page - Analog Devices AD7761 Datasheet HTML 65Page - Analog Devices AD7761 Datasheet HTML 66Page - Analog Devices AD7761 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 63 of 69
Bits
Bit Name
Setting
Description
Reset
Access
3
GPIOE3_MODE3
GPIO3 direction. This bit assigns the direction of GPIO3 as either an input or an
output. For SPI control, GPIO3 maps to Pin 15, which is the MODE3/GPIO3 pin.
0x0
RW
0
Input.
1
Output.
2
GPIOE2_MODE2
GPIO2 direction. This bit assigns the direction of GPIO2 as either an input or an
output. For SPI control, GPIO2 maps to Pin 14, which is the MODE2/GPIO2 pin.
0x0
RW
0
Input.
1
Output.
1
GPIOE1_MODE1
GPIO1 direction. This bit assigns the direction of GPIO1 as either an input or an
output. For SPI control, GPIO1 maps to Pin 13, which is the MODE1/GPIO1 pin.
0x0
RW
0
Input.
1
Output.
0
GPIO0_MODE0
GPIO0 direction. This bit assigns the direction of GPIO0 as either an input or an
output. For SPI control, GPIO0 maps to Pin 12, which is the MODE0/GPIO0 pin.
0x0
RW
0
Input.
1
Output.
GPIO WRITE DATA REGISTER
Address: 0x0F, Reset: 0x00, Name: GPIO Write Data
This register writes the values to be set on each of the general-purpose pins when selected as general-purpose outputs. Each bit, from
Bits[4:0], maps directly to the GPIOx pins.
Table 46. Bit Descriptions for GPIO Write Data
Bits
Bit Name
Description
Reset
Access
4
GPIO4_WRITE
FILTER/GPIO4
0x0
RW
3
GPIO3_WRITE
MODE3/GPIO3
0x0
RW
2
GPIO2_WRITE
MODE2/GPIO2
0x0
RW
1
GPIO1_WRITE
MODE1/GPIO1
0x0
RW
0
GPIO0_WRITE
MODE0/GPIO0
0x0
RW
GPIO READ DATA REGISTER
Address: 0x10, Reset: 0x00, Name: GPIO Read Data
This register reads back the value of the logic input level at the general-purpose pins when selected to operate as general-purpose inputs.
Each bit, from Bits[4:0], maps directly to the GPIO0 to GPIO4 pins.
Table 47. Bit Descriptions for GPIO Read Data
Bits
Bit Name
Description
Reset
Access
4
GPIO4_READ
FILTER/GPIO4
0x0
R
3
GPIO3_READ
MODE3/GPIO3
0x0
R
2
GPIO2_READ
MODE2/GPIO2
0x0
R
1
GPIO1_READ
MODE1/GPIO1
0x0
R
0
GPIO0_READ
MODE0/GPIO0
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com