Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 52 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7761 Datasheet HTML 48Page - Analog Devices AD7761 Datasheet HTML 49Page - Analog Devices AD7761 Datasheet HTML 50Page - Analog Devices AD7761 Datasheet HTML 51Page - Analog Devices AD7761 Datasheet HTML 52Page - Analog Devices AD7761 Datasheet HTML 53Page - Analog Devices AD7761 Datasheet HTML 54Page - Analog Devices AD7761 Datasheet HTML 55Page - Analog Devices AD7761 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
AD7761
Data Sheet
Rev. 0 | Page 52 of 69
Power
Mode
Filter Type
Decimation Factor
Delay from First MCLK
Rise After SYNC_IN Rise to
First DRDY Rise
Delay from First MCLK Rise After SYNC_IN
Rise to Earliest Settled Data, DRDY Rise
Group A
Group B
Group A
Group B
Group A Group B
MCLK Periods
MCLK Periods
MCLK Periods
Median
Wideband
Wideband
32
Unused
656
16,784
Not applicable
Wideband
Wideband
64
Unused
1225
33,481
Not applicable
Wideband
Wideband
128
Unused
2359
66,871
Not applicable
Wideband
Wideband
256
Unused
4635
133,659
Not applicable
Wideband
Wideband
512
Unused
9187
267,235
Not applicable
Wideband
Wideband
1024
Unused
18,291
534,387
Not applicable
Wideband
Wideband
32
32
820
16,948
16,948
Wideband
Wideband
32
64
820
16,948
33,588
Wideband
Wideband
32
128
820
16,948
66,868
Wideband
Wideband
32
256
820
16,948
133,684
Wideband
Wideband
32
512
820
16,948
267,316
Wideband
Wideband
32
1024
820
16,948
534,580
Wideband
Wideband
64
32
822
33,590
16,950
Wideband
Wideband
128
32
824
66,872
16,952
Wideband
Wideband
256
32
844
133,708
16,972
Wideband
Wideband
512
32
836
267,332
16,964
Wideband
Wideband
1024
32
852
534,612
16,980
Focus
Wideband
Wideband
32
Unused
2587
67,099
Not applicable
Wideband
Wideband
64
Unused
4855
133,879
Not applicable
Wideband
Wideband
128
Unused
9391
267,439
Not applicable
Wideband
Wideband
256
Unused
18,495
534,591
Not applicable
Wideband
Wideband
512
Unused
36,703
1,068,895
Not applicable
Wideband
Wideband
1024
Unused
73,119
2,137,503
Not applicable
Wideband
Wideband
32
32
2587
67,099
67,099
Wideband
Wideband
32
64
2587
67,099
134,683
Wideband
Wideband
32
128
2587
67,099
267,803
Wideband
Wideband
32
256
2587
67,099
535,067
Wideband
Wideband
32
512
2587
67,099
1,069,595
Wideband
Wideband
32
1024
2587
67,099
2,137,627
Wideband
Wideband
64
32
2587
134,683
67,099
Wideband
Wideband
128
32
2587
267,803
67,099
Wideband
Wideband
256
32
2587
535,067
67,099
Wideband
Wideband
512
32
2587
1,069,595
67,099
Wideband
Wideband
1024
32
2587
2,137,627
67,099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com