Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7761 Datasheet HTML 29Page - Analog Devices AD7761 Datasheet HTML 30Page - Analog Devices AD7761 Datasheet HTML 31Page - Analog Devices AD7761 Datasheet HTML 32Page - Analog Devices AD7761 Datasheet HTML 33Page - Analog Devices AD7761 Datasheet HTML 34Page - Analog Devices AD7761 Datasheet HTML 35Page - Analog Devices AD7761 Datasheet HTML 36Page - Analog Devices AD7761 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 33 of 69
Table 18. MODEx Selection Details: Pin Control Mode
Mode Hex.
MODE3
MODE2
MODE1
MODE0
Power Mode
DCLK Frequency
Data Conversion
0x0
0
0
0
0
Focus
MCLK/1
Standard
0x1
0
0
0
1
Focus
MCLK/2
Standard
0x2
0
0
1
0
Focus
MCLK/4
Standard
0x3
0
0
1
1
Focus
MCLK/8
Standard
0x4
0
1
0
0
Median
MCLK/1
Standard
0x5
0
1
0
1
Median
MCLK/2
Standard
0x6
0
1
1
0
Median
MCLK/4
Standard
0x7
0
1
1
1
Median
MCLK/8
Standard
0x8
1
0
0
0
Fast
MCLK/1
Standard
0x9
1
0
0
1
Fast
MCLK/2
Standard
0xA
1
0
1
0
Fast
MCLK/4
Standard
0xB
1
0
1
1
Fast
MCLK/8
Standard
0xC
1
1
0
0
Focus
MCLK/1
One-shot
0xD
1
1
0
1
Median
MCLK/1
One-shot
0xE
1
1
1
0
Fast
MCLK/2
One-shot
0xF
1
1
1
1
Fast
MCLK/1
One-shot
Configuration Example
In the example shown in Table 20, the lowest current
consumption is used, and the AD7761 is connected to an FPGA.
The FORMATx pins are set such that all eight data outputs,
DOUT0 to DOUT7, connect to the FPGA. For the lowest
power, the lowest DCLK frequency is used. The input bandwidth
is set through the combination of selecting decimation by 64
and selecting the wideband filter.
ODR = fMOD ÷ Decimation Ratio
where:
fMOD is MCLK/32 for focus mode (see Table 17).
Decimation Ratio = 64.
Thus, for this example, where MCLK = 32.768 MHz,
ODR = (32.768 MHz/32) ÷ 64 = 16 kHz
Minimizing the DCLK frequency means selecting DCLK =
MCLK/8, which results in a 4 MHz DCLK signal. The period of
DCLK in this case is 1/4 MHz = 250 ns. The data conversion on
each DOUTx pin is 24 bits long. The conversion data takes 24 ×
250 ns = 6 μs to be output. All 24 bits must be output within the
ODR period of 1/16 kHz, which is approximately 64 μs. In this
case, the 6 μs required to read out the conversion data is well
within the 64 μs between conversion outputs. Therefore, this
combination, which is summarized in Table 20, is viable for use.
Channel Standby
Table 19 shows how the user can put channels into standby mode.
Set either ST0 or ST1 to Logic 1 to place banks of four channels
into standby mode. When in standby mode, the disabled channels
hold their position in the output data stream. The 8-bit header
and 16-bit conversion result are set to all zeros when the ADC
channels are set to standby.
The VCM voltage output is associated with the Channel 0
circuitry. If Channel 0 is put into standby mode, the VCM
voltage output is also disabled for maximum power savings.
Channel 0 must be enabled while VCM is being used externally
to the AD7761.
The crystal excitation circuitry is associated with the Channel 4
circuitry. If Channel 4 is put into standby mode, the crystal
circuitry is also disabled for maximum power savings. Channel 4
must be enabled while the external crystal is used on the AD7761.
Table 19. Truth Table for the AD7761 ST0 and ST1 Pins
ST1
ST0
Function
0
0
All channels operational.
0
1
Channel 0 to Channel 3 in
standby. Channel 4 to
Channel 7 operational.
1
0
Channel 4 to Channel 7 in
standby. Channel 0 to
Channel 3 operational.
1
1
All channels in standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com