Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7761 Datasheet HTML 27Page - Analog Devices AD7761 Datasheet HTML 28Page - Analog Devices AD7761 Datasheet HTML 29Page - Analog Devices AD7761 Datasheet HTML 30Page - Analog Devices AD7761 Datasheet HTML 31Page - Analog Devices AD7761 Datasheet HTML 32Page - Analog Devices AD7761 Datasheet HTML 33Page - Analog Devices AD7761 Datasheet HTML 34Page - Analog Devices AD7761 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 31 of 69
1.8 V IOVDD Operation
The AD7761 contains an internal 1.8 V LDO on the IOVDD
supply to regulate the IOVDD down to the operating voltage of the
digital core. This internal LDO allows the internal logic to operate
efficiently at 1.8 V and the input/output logic to operate at the
level set by IOVDD. The IOVDD supply is rated from 2.25 V to
3.6 V for normal operation, and 1.8 V for LDO bypass setup.
37
START
36
SYNC_IN
35
IOVDD
34
DREGCAP
33
DGND
38
SYNC_OUT
28 29 30 31 32
1.8V IOVDD
SUPPLY
Figure 50. DREGCAP and IOVDD Connection Diagram for 1.8 V IOVDD
Operation
Users can bypass the LDO by shorting the DREGCAP pin to
IOVDD (see Figure 50), which pulls the internal LDO out of
regulation and sets the internal core voltage and input/output
logic levels to the IOVDD level. When bypassing the internal
LDO, the maximum operating voltage of the IOVDD supply is
equal to the maximum operating voltage of the internal digital core,
which is 1.72 V to 1.88 V.
Analog Supply Internal Connectivity
The AD7761 has two analog supply rails, AVDD1 and AVDD2,
which are both referred to AVSS. These supplies are completely
separate from the digital pins, IOVDD, DREGCAP, and DGND. To
achieve optimal performance and isolation of the ADCs, more than
one device pin supplies these analog rails to the internal ADCs.
AVSS1A (Pin 3) and AVSS2A (Pin 62) are internally
connected.
AVSS (Pin 54) is connected to the substrate, and is connected
internally to AVSS1B (Pin 46) and AVSS2B (Pin 51).
The following supply and reference input pins are separate
on chip: AVDD1A, AVDD1B, AVDD2A, AVDD2B,
REF1+, REF1−, REF2+, and REF2−.
The details of which individual supplies are shorted internally are
given in this section for informational purposes. In general,
connect the supplies as described in the Power Supplies section.
DEVICE CONFIGURATION
The AD7761 has independent paths for reading data from the
ADC conversions and for controlling the device functionality.
For control, the device can be configured in either of two
modes. The two modes of configuration are as follows:
Pin control mode: pin strapped digital logic inputs (which
allows a subset of the configurability options)
SPI control mode: over a 3-wire or 4-wire SPI interface
(complete configurability)
On power-up, the state of the PIN/SPI pin determines the mode
used. Immediately after power-up, the user must apply a soft or
hard reset to the device when using either control mode.
Interface Data Format
When operating the device, the data format of the serial inter-
face is determined by the FORMATx pins. Table 28 shows that
each ADC can be assigned a DOUTx pin, or, alternatively, the
data can be arranged to share the DOUTx pins in a time division
multiplexed manner. For more details, see the Data Interface
section.
PIN CONTROL MODE
Pin control mode eliminates the need for an SPI communication
interface. When a single known configuration is required by the
user, or when only limited reconfiguration is required, the number
of signals that require routing to the digital host can be reduced
using this mode. Pin control mode is useful in digitally isolated
applications where minimal adjustment of the configuration is
needed. Pin control offers a subset of the core functionality and
ensures a known state of operation after power-up, reset, or a
fault condition on the power supply. In pin control mode, the
analog input precharge buffers are enabled by default for best
performance. The reference input precharge buffers are disabled
in pin control mode.
After any change to the configuration in pin control mode, the
user must provide a sync signal to the AD7761 by applying the
appropriate pulse to the START pin or the SYNC_IN pin to
ensure that the configuration changes are applied correctly to
the ADC and the digital filters.
Setting the Filter
The filter function chooses between the two filter settings. In
pin control mode, all ADC channels use the same filter type,
which is selected by the FILTER pin, as shown in Table 14.
Table 14. FILTER Control Pin
Logic Level
Function
1
Sinc5 filter selected
0
Wideband filter selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com