Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7761 Datasheet HTML 13Page - Analog Devices AD7761 Datasheet HTML 14Page - Analog Devices AD7761 Datasheet HTML 15Page - Analog Devices AD7761 Datasheet HTML 16Page - Analog Devices AD7761 Datasheet HTML 17Page - Analog Devices AD7761 Datasheet HTML 18Page - Analog Devices AD7761 Datasheet HTML 19Page - Analog Devices AD7761 Datasheet HTML 20Page - Analog Devices AD7761 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 17 of 69
Pin No.
Mnemonic
Type1
Description
35
IOVDD
P
Digital Supply. This pin sets the logic levels for all interface pins. IOVDD also powers the digital
processing core via the digital LDO when IOVDD is at least 2.25 V. For 1.8 V IOVDD operation,
connect this pin to DREGCAP via an external trace to provide power to the digital processing core.
36
SYNC_IN
DI
Synchronization Input. SYNC_IN receives the synchronous signal from SYNC_OUT. It is used in
the synchronization of any AD7761 that requires simultaneous sampling or is in a daisy chain.
Ignore the START and SYNC_OUT functions if the SYNC_IN pin is connected to the system
synchronization pulse. This signal pulse must be synchronous to the MCLK clock domain.
37
START
DI
Start Signal. The START pulse synchronizes the AD7761 to other devices. The signal can be
asynchronous. The AD7761 samples the input and then outputs a SYNC_OUT pulse. This
SYNC_OUT pulse must be routed to the SYNC_IN pin of this device, and any other AD7761
devices that must be synchronized together. This means that the user does not need to run the
ADCs and their digital host from the same clock domain, which is useful when there are long
traces or back planes between the ADC and the controller. If this pin is not used, it must be tied
to a Logic 1 through a pull-up resistor.
38
SYNC_OUT
DO
Synchronization Output. This pin operates only when the START input is used. When using the
START input feature, the SYNC_OUT pin must be connected to SYNC_IN via an external trace.
SYNC_OUT is a digital output that is synchronous to the MCLK signal; the synchronization signal
driven in on START is internally synchronized to the MCLK signal and is driven out on SYNC_OUT.
SYNC_OUT can also be routed to other AD7761 devices requiring simultaneous sampling and/or
daisy-chaining, ensuring synchronization of devices related to the MCLK clock domain. It must
then be wired to drive the SYNC_IN pin on the same AD7761 and on the other AD7761 devices.
39
AIN7+
AI
Positive Analog Input to ADC Channel 7.
40
AIN7−
AI
Negative Analog Input to ADC Channel 7.
41
AIN6+
AI
Positive Analog Input to ADC Channel 6.
42
AIN6−
AI
Negative Analog Input to ADC Channel 6.
43
REF2+
AI
Reference Input Positive. REF2+ is the positive reference terminal for Channel 4 to Channel 7.
The REF2+ voltage range is from (AVSS + 1 V) to AVDD1. Apply an external reference differential
between REF2+ and REF2− in the range from 1 V to |AVDD1 − AVSS|. Decouple this pin to AVSS
with a high quality capacitor, and maintain a low impedance between this capacitor and Pin 46.
44
REF2−
AI
Reference Input Negative. REF2− is the negative reference terminal for Channel 4 to Channel 7. The
REF2− voltage range is from AVSS to (AVDD1 − 1 V). Decouple this pin to AVSS with a high quality
capacitor, and maintain a low impedance between this capacitor and Pin 46.
45
AVDD1B
P
Analog Supply Voltage. This pin is 5 V ± 10% with respect to AVSS.
46
AVSS1B
P
Negative Analog Supply. This pin is nominally 0 V.
47
AIN5+
AI
Positive Analog Input to ADC Channel 5.
48
AIN5−
AI
Negative Analog Input to ADC Channel 5.
49
AIN4+
AI
Positive Analog Input to ADC Channel 4.
50
AIN4−
AI
Negative Analog Input to ADC Channel 4.
51
AVSS2B
P
Negative Analog Supply. This pin is nominally 0 V.
52
REGCAPB
AO
Analog LDO Regulator Output. Decouple this pin to AVSS with a 1 μF capacitor.
53
AVDD2B
P
Analog Supply Voltage. This pin is 2 V to 5.5 V with respect to AVSS.
54
AVSS
P
Negative Analog Supply. This pin is nominally 0 V.
55, 56
FORMAT1,
FORMAT0
DI
Format Selection Pins. Hardwire the FORMATx pins to the required values in pin control and SPI
control mode. These pins set the number of DOUTx pins used to output ADC conversion data. The
FORMATx pins are checked by the AD7761 on power-up; the AD7761 then remains in this data
output configuration.
57
PIN/SPI
DI
Pin Control/SPI Control. This pin sets the control method.
Logic 0 = pin control mode for the AD7761. Pin control mode allows pin strapped configuration
of the AD7761 by tying logic input pins to the required logic levels. Tie the logic pins (MODE0 to
MODE4, DEC0 and DEC1, and FILTER) as required for the configuration.
Logic 1 = SPI control mode for the AD7761. Use the SPI control interface signals (CSE, SCLK, SDI,
and SDO) for reading and writing to the AD7761 memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com