Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 2 Page - Analog Devices

  AD7761 Datasheet HTML 1Page - Analog Devices AD7761 Datasheet HTML 2Page - Analog Devices AD7761 Datasheet HTML 3Page - Analog Devices AD7761 Datasheet HTML 4Page - Analog Devices AD7761 Datasheet HTML 5Page - Analog Devices AD7761 Datasheet HTML 6Page - Analog Devices AD7761 Datasheet HTML 7Page - Analog Devices AD7761 Datasheet HTML 8Page - Analog Devices AD7761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
AD7761
Data Sheet
Rev. 0 | Page 2 of 69
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .......................................................... 1
 
Revision History ............................................................................... 2
 
General Description ......................................................................... 3
 
Specifications..................................................................................... 4
 
Timing Specifications .................................................................. 9
 
1.8 V IOVDD Timing Specifications....................................... 10
 
Absolute Maximum Ratings.......................................................... 14
 
Thermal Resistance .................................................................... 14
 
ESD Caution................................................................................ 14
 
Pin Configuration and Function Descriptions........................... 15
 
Typical Performance Characteristics ........................................... 19
 
Terminology .................................................................................... 25
 
Theory of Operation ...................................................................... 26
 
Clocking, Sampling Tree, and Power Scaling ............................. 26
 
Noise Performance and Resolution.......................................... 27
 
Applications Information .............................................................. 29
 
Power Supplies ............................................................................ 30
 
Device Configuration ................................................................ 31
 
Pin Control Mode....................................................................... 31
 
SPI Control.................................................................................. 34
 
SPI Control Functionality ......................................................... 35
 
SPI Control Mode Extra Diagnostic Features ........................ 37
 
Circuit Information ........................................................................ 38
 
Core Signal Chain....................................................................... 38
 
Analog Inputs.............................................................................. 39
 
VCM............................................................................................. 40
 
Reference Input........................................................................... 40
 
Clock Selection ........................................................................... 40
 
Digital Filtering........................................................................... 40
 
Decimation Rate Control .......................................................... 42
 
Antialiasing ................................................................................. 42
 
Calibration................................................................................... 43
 
Data Interface.................................................................................. 45
 
Setting the Format of Data Output .......................................... 45
 
ADC Conversion Output: Header and Data .......................... 46
 
Functionality ................................................................................... 54
 
GPIO Functionality.................................................................... 54
 
Register Map Details (SPI Control) ............................................. 55
 
Register Map ............................................................................... 55
 
Channel Standby Register ......................................................... 57
 
Channel Mode A Register ......................................................... 57
 
Channel Mode B Register ......................................................... 58
 
Channel Mode Select Register.................................................. 58
 
Power Mode Select Register...................................................... 59
 
General Device Configuration Register .................................. 59
 
Data Control: Soft Reset, Sync, and Single-Shot Control
Register ........................................................................................ 60
 
Interface Configuration Register.............................................. 61
 
Digital Filter RAM Built in Self Test (BIST) Register............ 61
 
Status Register............................................................................. 62
 
Revision Identification Register ............................................... 62
 
GPIO Control Register .............................................................. 62
 
GPIO Write Data Register......................................................... 63
 
GPIO Read Data Register.......................................................... 63
 
Analog Input Precharge Buffer Enable Register Channel 0 to
Channel 3 .................................................................................... 64
 
Analog Input Precharge Buffer Enable Register Channel 4 to
Channel 7 .................................................................................... 64
 
Positive Reference Precharge Buffer Enable Register............ 65
 
Negative Reference Precharge Buffer Enable Register .......... 65
 
Offset Registers........................................................................... 65
 
Gain Registers ............................................................................. 66
 
Sync Phase Offset Registers ...................................................... 66
 
ADC Diagnostic Receive Select Register ................................ 66
 
ADC Diagnostic Control Register ........................................... 67
 
Modulator Delay Control Register........................................... 68
 
Chopping Control Register....................................................... 68
 
Outline Dimensions ....................................................................... 69
 
Ordering Guide .......................................................................... 69
 
REVISION HISTORY
4/16—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com