Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) LM85 Datasheet HTML 23Page - National Semiconductor (TI) LM85 Datasheet HTML 24Page - National Semiconductor (TI) LM85 Datasheet HTML 25Page - National Semiconductor (TI) LM85 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Functional Description (Continued)
4.19 Registers 6A-6Ch: Absolute Temperature Limit
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
6Ah
R/W
Zone1 Absolute Temp Limit
7
654321
0
64h
U
6Bh
R/W
Zone2 Absolute Temp Limit
7
654321
0
64h
U
6Ch
R/W
Zone3 Absolute Temp Limit
7
654321
0
64h
U
For the LM85B in the Auto Fan mode, if a zone exceeds the temperature set in the Absolute Temperature Limit register, all of the
PWM outputs will incresase its duty cycle to 100%. This is a safety feature that attempts to cool the system if there is a potentially
catastrophic thermal event. If set to 80h (-128˚C), the feature is disabled. Default=100˚C=64h
For the LM85C in the Auto Fan mode, if a zone exceeds the temperature set in the Absolute Temperature Limit register, only the
PWM output associated with the Absolute Temperature Limit will go to 100%.
These registers become Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to
these registers shall have no effect. After power up the default values are used whenever the Ready/Lock/Start/Override register
Start bit is cleared even though modifications to these registers are possible.
TABLE 11. Absolute Limit vs Register Setting
Temperature
Reading (Decimal)
Reading (Hex)
−127˚C
−127
81h
.
.
.
.
.
.
.
.
.
−50˚C
−50
CEh
.
.
.
.
.
.
.
.
.
0˚C
0
00h
.
.
.
.
.
.
.
.
.
50˚C
50
32h
.
.
.
.
.
.
.
.
.
127˚C
127
7Fh
4.20 Registers 6D-6Eh: Zone Hysteresis Registers
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
6Dh
R/W
Zone1 and Zone2 Hysteresis
H1-3
H1-2
H1-1
H1-0
H2-3
H2-2
H2-1
H2-0
44h
U
6Eh
R/W
Zone3 Hysteresis
H3-3
H3-2
H3-1
H3-0
RES
RES
RES
RES
40h
U
If the temperature is above Fan Temp Limit, then drops below Fan Temp Limit, the following will occur:
– The fan will remain on, at Fan PWM Minimum, until the temperature goes a certain amount below Fan Temp Limit.
– The Hysteresis registers control this amount. See below table for details.
These registers become Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to
thses registers shall have no effect. After power up the default value is used whenever the Ready/Lock/Start/Override register
Start bit is cleared even though modifications to this register are possible.
TABLE 12. Hysteresis Settings
Setting
HYSTERESIS
0h
0˚C
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com