Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 14Page - National Semiconductor (TI) LM85 Datasheet HTML 15Page - National Semiconductor (TI) LM85 Datasheet HTML 16Page - National Semiconductor (TI) LM85 Datasheet HTML 17Page - National Semiconductor (TI) LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Functional Description (Continued)
In Auto Fan Mode, when the temperature for a zone is above the Temperature Limit (Registers 67-69h) and below its Absolute
Temperature Limit (Registers 6A-6Ch), the speed of a fan assigned to that zone is determined as follows.
When the temperature reaches the Fan Temp Limit for a zone, the PWM output assigned to that zone will be Fan PWM Minimum.
Between Fan Temp Limit and (Fan Temp Limit + Range), the PWM duty cycle will increase linearly according to the temperature
as shown in the figure below. The PWM duty cycle will be 100% at (Fan Temp Limit + Range).
Example for PWM1 assigned to Zone 1:
– Zone 1 Fan Temp Limit (Register 67h) is set to 50˚C (32h).
– Range (Register 5Fh) is set to 8˚C (6xh).
– Fan 1 PWM Minimum (Register 64h) is set to 50% (32h).
In this case, the PWM1 duty cycle will be 50% at 50˚C.
Since (Zone 1 Fan Temp Limit) + (Zone 1 Range) = 50˚C + 8˚C = 58˚C, the fan will run at 100% duty cycle when the temperature
of the Zone 1 sensor reaches 58˚C.
Since the midpoint of the fan control range is 54˚C, and the median duty cycle is 75% (Halfway between the PWM Minimum and
100%), PWM1 duty cycle would be 75% at 54˚C.
Above (Zone 1 Fan Temp Limit) + (Zone 1 Range), the duty cycle will be 100%.
PWM frequency bits [3:0]
The PWM frequency bits [3:0] determine the PWM frequency for the fan.
PWM Frequency Selection (Default = 011 = 30.04 Hz)
TABLE 6. Register Setting vs PWM Frequency
Freq [2:0]
PWM Frequency (Exact frequencies vary by
manufacturer)
National Actual PWM Frequency
000
10 Hz
10.01 Hz
001
15 Hz
15.02 Hz
010
23 Hz
23.14 Hz
011
30 Hz
30.04 Hz
100
38 Hz
38.16 Hz
101
47 Hz
47.06 Hz
110
62 Hz
61.38 Hz
111
94 Hz
94.12 Hz
Range Selection RAN [3:0]
RAN [3:0]
Range (˚C)
0000
2
0001
2.5
0010
3.33
20035306
FIGURE 1. Fan Activity above Fan Temp Limit
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com