Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 13Page - National Semiconductor (TI) LM85 Datasheet HTML 14Page - National Semiconductor (TI) LM85 Datasheet HTML 15Page - National Semiconductor (TI) LM85 Datasheet HTML 16Page - National Semiconductor (TI) LM85 Datasheet HTML 17Page - National Semiconductor (TI) LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Functional Description (Continued)
This register becomes Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to this
register shall have no effect. After power up the default value is used whenever the Ready/Lock/Start/Override register Start bit
is cleared even though modifications to this register are possible.
Bits [7:5] Zone/Mode
Bits [7:5] of the Fan Configuration registers associate each fan with a temperature sensor. When in Auto Fan Mode the fan will
be assigned to a zone, and its PWM duty cycle will be adjusted according to the temperature of that zone. If ‘Hottest’ option is
selected (101 or 110), the fan will be controlled by the hottest of zones 2 and 3, or of zones 1, 2, and 3. When in manual control
mode, the Current PWM duty registers (30h-32h) become Read/Write. It is then possible to control the PWM outputs with
software by writing to these registers. When the fan is disabled (100) the corresponding PWM output should be driven low (or
high, if inverted).
Zone 1: External Diode 1 (processor)
Zone 2: Internal Sensor
Zone 3: External Diode 2
TABLE 4. Fan Zone Setting
ZON[2:0]
Fan Configuration
000
Fan on zone 1 auto
001
Fan on zone 2 auto
010
Fan on zone 3 auto
011
Fan always on full
100
Fan disabled
101
Fan controlled by hottest of zones 2, 3
110
Fan controlled by hottest of zones 1, 2, 3
111
Fan manually controlled (Test Mode)
Bit [4] PWM Invert
Bit [4] inverts the PWM output. If set to 0, 100% duty cycle will yield an output that is always high. If set to 1, 100% duty cycle
will yield an output that is always low.
Bit [3] Reserved
Bits [2:0] Spin Up
Bits [2:0] specify the ‘spin up’ time for the fan. When a fan is being started from a stationary state, the PWM output is held at 100%
duty cycle for the time specified in the table below before scaling to a lower speed.
TABLE 5. Fan Spin-Up Register
SPIN[2:0]
Spin Up Time
000
0 sec
001
100 ms
010
250 ms
011
400 ms
100
700 ms
101
1000 ms
110
2000 ms
111
4000 ms
4.15 Registers 5F-61h: Auto Fan Speed Range, PWM Frequency
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
5Fh
R/W
Zone1 Range/Fan1
Frequency
RAN3
RAN2
RAN1
RAN0
RES
FRQ2
FRQ1
FRQ0
C4h
U
60h
R/W
Zone2 Range/Fan2
Frequency
RAN3
RAN2
RAN1
RAN0
RES
FRQ2
FRQ1
FRQ0
C4h
U
61h
R/W
Zone3 Range/Fan3
Frequency
RAN3
RAN2
RAN1
RAN0
RES
FRQ2
FRQ1
FRQ0
C4h
U
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com