Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) LM85 Datasheet HTML 23Page - National Semiconductor (TI) LM85 Datasheet HTML 24Page - National Semiconductor (TI) LM85 Datasheet HTML 25Page - National Semiconductor (TI) LM85 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Functional Description (Continued)
Item No.
Description
LM85CIMQ
LM85BIMQ
4
Overide bit (register 40h bit 3)
function with disabled PWM output
(Fan configuration registers
5Ch-5Eh, bits
fan_config[7:5]=ZON[2:0]=100
The override bit has no effect when
the PWM output is disabled.
The overide bit has precedance
over all of the PWM output dissable
bits. Therefore, if a PWM output is
dissabled, setting the override bit
will set the PWM output to 100%.
5
Auto Fan mode and Absolute
Temperature Limit function
Only the PWM output associated
with the zone that has exceeded its
Absolute Limit will increase to
100%.
When one zone exceeds its
Absolute Limit all PWM outputs wil
increase to 100%.
6
Register 3Fh Device ID default
60h
62h
Revision History
Date
Revision
8/2002
Added LM85BIMQ functional differences and specifications.
3/2003
Updated Register 74h, Tachometer Monitor Mode description.
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com