Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 16Page - National Semiconductor (TI) LM85 Datasheet HTML 17Page - National Semiconductor (TI) LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) LM85 Datasheet HTML 23Page - National Semiconductor (TI) LM85 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Functional Description (Continued)
TABLE 7. Spike Smoothing
ZN-X[2:0]
Spike Smoothed Over
000
35 seconds
001
17.6 seconds
010
11.8 seconds
011
7.0 seconds
100
4.4 seconds
101
3.0 seconds
110
1.6 seconds
111
.8 seconds
TABLE 8. PWM Output Below Limit Depending on Value of Off/Min
Off/Min
PWM Action
0
At 0% duty below LIMIT
1
At Min PWM Duty below LIMIT
4.17 Registers 64-66h: Minimum PWM Duty Cycle
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
64h
R/W
Fan1 PWM Minimum
7
6543210
80h
U
65h
R/W
Fan2 PWM Minimum
7
6543210
80h
U
66h
R/W
Fan3 PWM Minimum
7
6543210
80h
U
These registers specify the minimum duty cycle that the PWM will output when the measured temperature reaches the
Temperature LIMIT register setting.
This register becomes Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to this
register shall have no effect. After power up the default value is used whenever the Ready/Lock/Start/Override register Start bit
is cleared even though modifications to this register are possible.
20035307
FIGURE 2. What LM85 Auto Fan Control Sees With and Without Spike Smoothing
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com