Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 11Page - National Semiconductor (TI) LM85 Datasheet HTML 12Page - National Semiconductor (TI) LM85 Datasheet HTML 13Page - National Semiconductor (TI) LM85 Datasheet HTML 14Page - National Semiconductor (TI) LM85 Datasheet HTML 15Page - National Semiconductor (TI) LM85 Datasheet HTML 16Page - National Semiconductor (TI) LM85 Datasheet HTML 17Page - National Semiconductor (TI) LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Functional Description (Continued)
4.11 Registers 44-4Dh: Voltage Limit Registers
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
44h
R/W
2.5V Low Limit
7
6543210
00h
45h
R/W
2.5V High Limit
7
6543210
FFh
46h
R/W
V
CCP Low Limit
7
6543210
00h
47h
R/W
V
CCP High Limit
7
6543210
FFh
48h
R/W
3.3V Low Limit
7
6543210
00h
49h
R/W
3.3V High Limit
7
6543210
FFh
4Ah
R/W
5V Low Limit
7
6543210
00h
4Bh
R/W
5V High Limit
7
6543210
FFh
4Ch
R/W
12V Low Limit
7
6543210
00h
4Dh
R/W
12V High Limit
7
6543210
FFh
If a voltage input either exceeds the value set in the voltage high limit register or falls below the value set in the voltage low limit
register, the corresponding bit will be set automatically by the LM85 in the interrupt status registers (41-42h). Voltages are
presented in the registers at 3⁄4 full scale for the nominal voltage, meaning that at nominal voltage, each input will be C0h, as
shown in Table 2.
Setting the Ready/Lock/Start/Override register Lock bit has no effect on these registers.
TABLE 2. Voltage Limits vs Register Setting
Input
Nominal
Voltage
Register Setting at
Nominal Voltage
Maximum
Voltage
Register Reading at
Maximum Voltage
Minimum
Voltage
Register Reading at
Minimum Voltage
2.5V
2.5V
C0h
3.32V
FFh
0V
00h
V
CCP
2.25V
C0h
3.00V
FFh
0V
00h
3.3V
3.3V
C0h
4.38V
FFh
3.0V
AFh
5V
5.0V
C0h
6.64V
FFh
0V
00h
12V
12.0V
C0h
16.00V
FFh
0V
00h
4.12 Registers 4E-53h: Temperature Limit Registers
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
4Eh
R/W
Processor (Zone1)
Low Temp
7
6543210
81h
4Fh
R/W
Processor (Zone1)
High Temp
7
6543210
7Fh
50h
R/W
Processor (Zone2)
Low Temp
7
6543210
81h
51h
R/W
Processor (Zone2)
High Temp
7
6543210
7Fh
52h
R/W
Processor (Zone3)
Low Temp
7
6543210
81h
53h
R/W
Processor (Zone3)
High Temp
7
6543210
7Fh
If an external temperature input or the internal temperature sensor either exceeds the value set in the corresponding high limit
register or falls below the value set in the corresponding low limit register, the corresponding bit will be set automatically by the
LM85 in the Interrupt Status Register 1 (41h). For example, if the temperature read from the Remote1− and Remote1+ inputs
exceeds the Processor (Zone1) High Temp register limit setting, Interrupt Status Register 1 ZN1 bit will be set. The temperature
limits in these registers are represented as 8 bit, 2’s complement, signed numbers in Celsius, as shown below in Table 3.
Setting the Ready/Lock/Start/Override register Lock bit has no effect on these registers.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com