Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) LM85 Datasheet HTML 23Page - National Semiconductor (TI) LM85 Datasheet HTML 24Page - National Semiconductor (TI) LM85 Datasheet HTML 25Page - National Semiconductor (TI) LM85 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Functional Description (Continued)
TABLE 12. Hysteresis Settings (Continued)
Setting
HYSTERESIS
.
.
.
.
.
.
5h
5˚C
.
.
.
.
.
.
Fh
15˚C
4.21 Register 6Fh: Test Register
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
6Fh
R/W
Test Register
RES
RES
RES
RES
RES
RES
RES
XEN
00h
If the XEN bit is set high, the part will be placed into XOR tree test mode. Clearing the bit (writinga0tothe XEN bit) brings the
part out of XOR tree test mode.
This register becomes Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to this
registers shall have no effect. After power up the default value is used whenever the Ready/Lock/Start/Override register Start bit
is cleared even though modifications to this register are possible.
4.22 Registers 70-7Fh: Vendor Specific Registers
These registers are for vendor specific features, including test registers. They will not default to a specific value on power up.
4.22.1 Register 74h: Tachometer Monitor Mode
Register
Address
Read/
Write
Register
Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
Lock?
74h
R/W
Tach Monitor Mode
RES
RES
T3/4-1
T3/4-0
T2-1
T2-0
T1-1
T1-0
00h
Each fan TACH input has 4 possible modes of operation. The modes for TACH3 and TACH4 share control bits T3/4-[1:0]; TACH2
is controlled by T2-[1:0]; TACH1 is controlled by T1-[1:0]. The result reported in all modes is based on 2 pulses per revolution. In
order for modes 2 and 3 to function properly it is required that the:
PWM1 output must control the fan that has it’s tachometer output connected to the TACH1 LM85 input.
PWM2 output must control the fan that has it’s tachometer output connected to the TACH2 LM85 input.
PWM3 output must control the fans that have their tachometer outputs connected to the TACH3 or TACH4 LM85 inputs.
Setting (Tn[1:0]) Mode Function
00
0
Traditional tach input monitor, false readings when under minimum detctable RPM
01
1
Traditional tach input monitor, FFFFh reading when under minimum detectable RPM
10
2
Most accurate readings, FFFFh reading when under minimum detectable RPM
11
3
Least effect on programmed PWM of Fan, FFFFh reading when under minimum detectable RPM
•
Mode 0: This mode uses the conventional method for fan tachometer pulse detection and does not include any circuitry to
compensate for PWM Fan drive. This mode should be used when PWM drive is not used to power the fan. This mode may
report a false RPM reading when under minimum detectable RPM as shown in the follwing table.
•
Mode 1: This mode uses the convertional method for fan tach detection. The reading will be FFFFh if it is below minimum
detectable RPM.
•
Mode 2: This mode is optimized for accurate RPM readings and activates circuitry that extends the lower side of the RPM
reading as shown in the following table.
•
Mode 3: This mode minimizes the effect on the RPM setting and activates circuitry that extends the lower side of the RPM
reading as shown in the following table.
PWM Frequency
Mode 0 and 1 Minimum RPM
Mode 2 and 3 Minimum RPM
10.01
841
210
15.02
1262
315
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com