Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 12Page - National Semiconductor (TI) LM85 Datasheet HTML 13Page - National Semiconductor (TI) LM85 Datasheet HTML 14Page - National Semiconductor (TI) LM85 Datasheet HTML 15Page - National Semiconductor (TI) LM85 Datasheet HTML 16Page - National Semiconductor (TI) LM85 Datasheet HTML 17Page - National Semiconductor (TI) LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Functional Description (Continued)
TABLE 3. Temperature Limits vs Register Settings
Temperature
Reading (Decimal)
Reading (Hex)
−127˚C
−127
81h
.
.
.
.
.
.
.
.
.
−50˚C
−50
CEh
.
.
.
.
.
.
.
.
.
0˚C
0
00h
.
.
.
.
.
.
.
.
.
50˚C
50
32h
.
.
.
.
.
.
.
.
.
127˚C
127
7Fh
4.13 Registers 54-5Bh: Fan Tachometer Low Limit
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
54h
55h
R/W
R/W
Tach1 Minimum LSB
Tach1 Minimum MSB
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
FFh
FFh
56h
57h
R/W
R/W
Tach2 Minimum LSB
Tach2 Minimum MSB
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
FFh
FFh
58h
59h
R/W
R/W
Tach3 Minimum LSB
Tach3 Minimum MSB
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
FFh
FFh
5Ah
5Bh
R/W
R/W
Tach4 Minimum LSB
Tach4 Minimum MSB
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
FFh
FFh
The Fan Tachometer Low Limit registers indicate the tachometer reading under which the corresponding bit will be set in the
Interrupt Status Register 2 register. In Auto Fan Control mode, the fan can run at low speeds, so care should be taken in software
to ensure that the limit is high enough not to cause sporadic alerts. The fan tachometer will not cause a bit to be set in Interrupt
Status Register 2 if the current value in Current PWM Duty registers is 00h or if the fan 1 disabled via the Fan Configuration
Register. Interrupts will never be generated for a fan if its minimum is set to FF FFh.
Given the insignificance of Bit 0 and Bit 1, these bits could be programmed to remember which fan is which, as follows.
Fan
Bit 1
Bit 0
CPU
0
0
Memory
0
1
Chassis Front
1
0
Chassis Rear
1
1
Setting the Ready/Lock/Start/Override register Lock bit has no effect these registers.
4.14 Registers 5C-5Eh: Fan Configuration
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
5Ch
R/W
Fan1 Configuration
ZON2
ZON1
ZON0
INV
RES
SPIN2
SPIN1
SPIN0
62h
U
5Dh
R/W
Fan2 Configuration
ZON2
ZON1
ZON0
INV
RES
SPIN2
SPIN1
SPIN0
62h
U
5Eh
R/W
Fan3 Configuration
ZON2
ZON1
ZON0
INV
RES
SPIN2
SPIN1
SPIN0
62h
U
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com