Electronic Components Datasheet Search
  English  ▼

X  

LM85 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) LM85 Datasheet HTML 23Page - National Semiconductor (TI) LM85 Datasheet HTML 24Page - National Semiconductor (TI) LM85 Datasheet HTML 25Page - National Semiconductor (TI) LM85 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Functional Description (Continued)
23.14
1944
420
30.04
2523
420
38.16
3205
420
47.06
3953
420
61.38
5156
420
94.12
7906
420
This register is not effected when the Ready/Lock/Start/Override register Lock bit is set. After power up the default value is used
whenever the Ready/Lock/Start/Override register Start bit is cleared even though modifications to this register are possible.
4.22.2 Register 75h: Fan Spin-up Mode
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6 Bit 5 Bit 4 Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
75h
R/W
Fan Spin-up Mode
RES
RES
RES
RES
RES
PWM3 SU PWM2 SU PWM1 SU
7h
U
The PWM SU bit configures the PWM spin-up mode. If PWM SU is cleared the spin-up time will terminate after time programmed
by the Fan Configuration register has elapsed. When set to a 1, the spin-up time will terminate early if the TACH reading exceeds
the Tach Minimum value or after the time programmed by the Fan Configuration register has elapsed, whichever occurs first.
This register becomes Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to this
register shall have no effect. After power up the default value is used whenever the Ready/Lock/Start/Override register Start bit
is cleared even though modifications to this register are possible.
4.23 Undefined Registers
Any reads to undefined registers will always return 00h. Writes to undefined registers will have no effect and will not return an
error.
5.0 XOR TEST MODE
The LM85 incorporates a XOR tree test mode. When the test mode is enabled by setting the “XEN” bit high in the Test Register
at address 6Fh via the SMBus, the part will enter XOR test mode.
Since the test mode an XOR tree, the order of the signals in the tree is not important. SMBDAT and SMBCLK are not to be
included in the test tree.
20035308
6.0 DIFFERENCES BETWEEN THE LM85BIMQ AND LM85CIMQ
It is highly recommended that new designs use the LM85BIMQ.
Item No.
Description
LM85CIMQ
LM85BIMQ
1
Voltage Monitoring Accuracy
+3.5% to −0.5% of Full Scale
±2% of Full Scale
2
PWM Output logic LOW loading
3mA at 0.4V
8mA at 0.4V
3
LSB and MSB Fan TACH value
registers (registers 28h, 29h; 2Ah,
2Bh; 2Ch, 2Dh; 2Eh, 2Fh)
Tach value registers must be read
LSB followed by MSB. Reading the
LSB latches the MSB. For example:
if you read the LSB then the MSB,
subsequent reads of just the MSB
register will yield the old result.
Internally, the TACH result is being
updated but there is no read access
unless the LSB register is read
before an MSB.
Tach value registers must be read
LSB followed by MSB. Reading the
LSB latches the MSB until read.
After the MSB is read it will be
updated with a new value, without
requiring a read of the LSB register.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com