Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT1650 Datasheet HTML 1Page - Richtek Technology Corporation RT1650 Datasheet HTML 2Page - Richtek Technology Corporation RT1650 Datasheet HTML 3Page - Richtek Technology Corporation RT1650 Datasheet HTML 4Page - Richtek Technology Corporation RT1650 Datasheet HTML 5Page - Richtek Technology Corporation RT1650 Datasheet HTML 6Page - Richtek Technology Corporation RT1650 Datasheet HTML 7Page - Richtek Technology Corporation RT1650 Datasheet HTML 8Page - Richtek Technology Corporation RT1650 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
5
Function Block Diagram
AC1
AC2
Synchronous
Rectifier Control
OUT
RECT
Digital
Control
COM2
COM1
CHG
VREF
BOOT1
TS
ADD
ADEN
BOOT2
MODE1
MODE0
GPIO
MCU
32-bit
SRAM
1KB
MTP
272B
GPIO
I2C
Slave
Packet
Control
Register
Bank
ROM / OTP
32KB
ADC
10-bit
40kHz
Clock
Generator
9MHz
VOUT
IOUT
VRECT
VTS
ROM 4KB
(boot loader)
FSK
DeCoder
SCL
SDA
PGND
Adapter
Detection
+
-
CLMP2
CLMP1
OVP
Regulator
UVLO
OTP
Mode
Control
GND
VDD1 VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com