Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 8Page - Richtek Technology Corporation RT1650 Datasheet HTML 9Page - Richtek Technology Corporation RT1650 Datasheet HTML 10Page - Richtek Technology Corporation RT1650 Datasheet HTML 11Page - Richtek Technology Corporation RT1650 Datasheet HTML 12Page - Richtek Technology Corporation RT1650 Datasheet HTML 13Page - Richtek Technology Corporation RT1650 Datasheet HTML 14Page - Richtek Technology Corporation RT1650 Datasheet HTML 15Page - Richtek Technology Corporation RT1650 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
12
Time (500ms/Div)
Start-Up with Loading
VRECT
(2V/Div)
V
OUT
(2V/Div)
IOUT
(500mA/Div)
IOUT = 1A, WPC A10 Tx
IOUT
(500mA/Div)
Time (500ms/Div)
Load Transient Response
VRECT
(2V/Div)
V
OUT
(2V/Div)
IOUT = 0A to 1A, WPC A10 Tx
IOUT = 1A to 0A, WPC A10 Tx
IOUT
(500mA/Div)
Time (500ms/Div)
Load Transient Response
VRECT
(2V/Div)
V
OUT
(2V/Div)
Time (5
s/Div)
Synchronous Rectifier
VAC1VAC2
(2V/Div)
I
AC1
(1A/Div)
IOUT = 150mA to 450mA
IOUT
(500mA/Div)
Time (500ms/Div)
Dynamic Rectifier Voltage
VRECT
(2V/Div)
V
OUT
(2V/Div)
COMM1
(2V/Div)
Time (3.29ms/Div)
Communication
VRECT
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com