Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 16Page - Richtek Technology Corporation RT1650 Datasheet HTML 17Page - Richtek Technology Corporation RT1650 Datasheet HTML 18Page - Richtek Technology Corporation RT1650 Datasheet HTML 19Page - Richtek Technology Corporation RT1650 Datasheet HTML 20Page - Richtek Technology Corporation RT1650 Datasheet HTML 21Page - Richtek Technology Corporation RT1650 Datasheet HTML 22Page - Richtek Technology Corporation RT1650 Datasheet HTML 23Page - Richtek Technology Corporation RT1650 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
20
I
2C Interface
The RT1650 provides I2C interface to communicate
with external host device. Besides OTP firmware
programming and MTP setting programming can be
approached through the I2C interface, the external host
can also communicate with the RT1650 to achieve
more flexible applications. For example, the host can
read the ADC information via the I2C Interface. In
addition, the I2C is used to read the internal status and
the power source is from the VRECT. If the wireless
function disable or in the adapter mode, the I2
C can’t
be accessed. Table 3 shows the register definition. It’s
not fixed, the registers definition can be costumed by
firmware. If user need to read other information via I2C,
please discuss with RICHTEK firmware engineer.
I2C Slave
0100010X (in binary format)
0x44 / 0x45 (hex format, include R/W bit)
LSB
MSB
0
1
0
0
0
1
0 R/W
Table 3. RT1650 Register Definition
Address
MSB
LSB
Name
Description
0x64
7
0
Vrect
Vrect (4V to 8V), unit = 15.68mV
0x66
7
0
Vout
Vout (3V to 6V), unit = 11.76mV
0x67
7
0
Iout
Iout (0A to 2A), unit = 7.84mA
0x78
7
0
last CE packet
last CE packet
0x79
7
0
last RP packet
last RP packet
0x7A
7
0
Received Power [7:0] (mW)
low byte of Received Power (mW)
0x7B
6
0
Received Power [14:8] (mW)
high byte of Received Power (mW)
0x7B
7
7
Received Power updating flag
0: Received Power is valid
1: Received Power is updating, not valid
0x10
7
7
Vout enable
0: Vout is disable
1: Vout is enable
0x02
7
0
freq_cnt[7:0]
Frequency = 1000 / ((freq_cnt[13:0] *
0.11) /128) KHz
0x03
5
0
freq_cnt[13:8]
0x7C
3
0
WPC phase status
WPC status
0:booting
1: ping phase
2: ID_CF phase
3: Negotiation phase
4: power transfer phase
GPIO Interface
The
RT1650
provides
a
programmable
General
Purpose Input/Output (GPIO) pin. The GPIO can be
used as an input or used as a status indicator for
different application. Before use this GPIO, user should
discuss its functions with RICHTEK and then RICHTEK
code its function into firmware.
GPIO can be programmed as an output port, be a
status indicator. For example,
To control LED flashing when Rx position search
To indicate thermal regulation is active
To indicate battery is full or charging is complete
GPIO can be programmed as input port, to connect
external signal and inform MCU. For example,
Enable/Disable the output
Enable the End Power Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com