Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 18Page - Richtek Technology Corporation RT1650 Datasheet HTML 19Page - Richtek Technology Corporation RT1650 Datasheet HTML 20Page - Richtek Technology Corporation RT1650 Datasheet HTML 21Page - Richtek Technology Corporation RT1650 Datasheet HTML 22Page - Richtek Technology Corporation RT1650 Datasheet HTML 23Page - Richtek Technology Corporation RT1650 Datasheet HTML 24Page - Richtek Technology Corporation RT1650 Datasheet HTML 25Page - Richtek Technology Corporation RT1650 Datasheet HTML 26Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
22
Battery Charge Complete Detection
The
RT1650
supports
battery
charge
complete
detection function. A programmable charge complete
current
threshold
and
a
programmable
charge
complete delay time are provided. This function can be
used to send the Charge Status packet (0x05) to the
transmitter for indicating a full charged status 100%.
Note that this packet does not turn off the transmitter.
The charge complete current threshold is adjustable
from 0mA to 510mA and the default value is 50mA.
The charge complete time is also adjustable from 0
seconds to 3825 seconds and the default value is 180
seconds.
Charge Complete
Current Threshold
Charge Complete
Delay Time
Charge Current
time
Figure 14. Battery Charge Complete Detection
There are 3 operation modes when the charge
complete status is detected. The first mode is to send a
CS packet (0x05) to transmitter only. The CS packet
does not turn off the transmitter. In the second mode,
the RT1650 will send a CS packet (0x05) and an EPT
packet to transmitter. In the third mode, the RT1650 will
send a CS packet (0x05) and stop communication with
the transmitter.
1
2
3
Charge Complete
Detection
Send CS Packet
(0x05)
Send CS Packet
(0x05)
Stop
Communication
Send EPT Packet
(0x02)
Send CS Packet
(0x05)
CS Mode
Figure 15. Operation Modes of Charge Complete Detection
Receiver Coil and Resonant Capacitors
According to WPC specification, the dual resonant
circuit of the power receiver comprises the receiver coil
and capacitors C1 and C2. The receiver coil design is
related to system
design.
Coil shape, material,
inductance and shielding need to be considered.
Shielding
provides
protection
from
interference
between wireless power system and mobile electronic
device. The recommended coil self-inductance is
between 8
H to 13H. The capacitance of the resonant
capacitors can be calculated by the following equations.
2
SS
1
C1=
L'
2 f
2
Sd
1
C2=
1
L
2 f
-
C1
In these equations, fs is resonant frequency with typical
value 100kHz; and fd is another resonant frequency
with typical value 1000kHz. L
’s is coil self-inductance
when placed on the interface surface of a transmitter;
and Ls is the self-inductance when placed away from
the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com