Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 6Page - Richtek Technology Corporation RT1650 Datasheet HTML 7Page - Richtek Technology Corporation RT1650 Datasheet HTML 8Page - Richtek Technology Corporation RT1650 Datasheet HTML 9Page - Richtek Technology Corporation RT1650 Datasheet HTML 10Page - Richtek Technology Corporation RT1650 Datasheet HTML 11Page - Richtek Technology Corporation RT1650 Datasheet HTML 12Page - Richtek Technology Corporation RT1650 Datasheet HTML 13Page - Richtek Technology Corporation RT1650 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
10
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SCL Low Time
tLOW
1.3
--
--
s
SCL High Time
tHIGH
0.6
--
--
s
Data Setup Time
tSU_DAT
100
--
--
ns
Data Hold Time
tHD_DAT
0
--
900
ns
Setup Time for Stop Condition
tSU_STO
0.6
--
--
s
Mode Control
Logic Input (MODE0, MODE1)
Low Level
VMODE_L
--
--
0.6
V
Logic Input (MODE0, MODE1)
High Level
VMODE_H
1.2
--
--
V
Communication Interface
FSK Modulation Frequency
Change
fFSK
fOP = 175kHz
(Note 5)
3
5
7
kHz
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. JC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Specification is guaranteed by design and/or correlation with statistical process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com