Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 14Page - Richtek Technology Corporation RT1650 Datasheet HTML 15Page - Richtek Technology Corporation RT1650 Datasheet HTML 16Page - Richtek Technology Corporation RT1650 Datasheet HTML 17Page - Richtek Technology Corporation RT1650 Datasheet HTML 18Page - Richtek Technology Corporation RT1650 Datasheet HTML 19Page - Richtek Technology Corporation RT1650 Datasheet HTML 20Page - Richtek Technology Corporation RT1650 Datasheet HTML 21Page - Richtek Technology Corporation RT1650 Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
18
Figure 8. Equivalent Resistance for Temperature
Sensing
Figure 9. Thermal Sensing Voltage
Communication
The RT1650 supports two communication modulations,
Amplitude Shift Keying (ASK), Frequency Shift Keying
(FSK), to communicate with the power transmitter. For
ASK modulation, the RT1650 provides two integrated
communication N-FETs which are connected to the
COM1 and COM2 pins. These N-FETs are used for
modulating the secondary load current which allows the
RT1650
to
communicate
Control
Error
and
configuration information to the transmitter. Figure 10
shows the RT1650 operating with capacitive load
modulation. When the N-FETs are turned-on, there is
effectively a capacitor connected between AC1 and
AC2. The impedance seen by the coil will be reflected
in the primary as a change in current.
CS
Cd
Coil
Ccom
Ccom
COM1
COM2
AC1
AC2
Figure 10. Capacitive Load Modulation
The RT1650 supports FSK demodulation to receive the
power signal from the transmitter shown as Figure 11.
The change in frequency between high and low states
is dependent on the operating frequency. The power
transmitter should modulate the power signal at
specific times during the Negotiation phase to avoid
interrupting communication packets from the receiver.
The FSK modulation scheme should be compliant with
WPC Volume II V0.9.
Figure 11. FSK Modulation Power Signal
Bit Encoding Scheme
According to WPC protocol, the RT1650 uses a
differential bi-phase encoding scheme to modulate
data bits onto the Power Signal. The internal clock
signal has a frequency 2kHz. The Receiver shall
encode a ONE bit using two transitions in the Power
Signal, such that the first transition coincides with the
rising edge of the clock signal, and the second
transition coincides with the falling edge of the clock
signal. The Receiver shall encode a ZERO bit using a
single transition in the Power Signal, which coincides
with the rising edge of the clock signal. Figure 12
shows an example of the differential bi-phase encoding.
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
150
Temperature (degree-C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com