Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 3Page - Richtek Technology Corporation RT1650 Datasheet HTML 4Page - Richtek Technology Corporation RT1650 Datasheet HTML 5Page - Richtek Technology Corporation RT1650 Datasheet HTML 6Page - Richtek Technology Corporation RT1650 Datasheet HTML 7Page - Richtek Technology Corporation RT1650 Datasheet HTML 8Page - Richtek Technology Corporation RT1650 Datasheet HTML 9Page - Richtek Technology Corporation RT1650 Datasheet HTML 10Page - Richtek Technology Corporation RT1650 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
7
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, AC1, AC2, RECT, COM1, COM2, OUT, CHG, CLMP1, CLMP2 -------------
0.3V to 20V
Supply Input Voltage, ADD, ADEN--------------------------------------------------------------------------------
0.3V to 30V
Supply Input Voltage, BOOT1, BOOT2 --------------------------------------------------------------------------
0.3V to 26V
Supply Input Voltage, VDD1, VDD2, SDA, SCL, GPIO, TS ------------------------------------------------
0.3V to 6V
Input Current, AC1, AC2---------------------------------------------------------------------------------------------
2A(rms)
Output Current, OUT -------------------------------------------------------------------------------------------------
2A
Output Sink Current, CHG ------------------------------------------------------------------------------------------
15mA
Output Sink Current, COM1, COM2 ------------------------------------------------------------------------------
1A
Power Dissipation, PD @ TA = 25C
WL-CSP-48B 3x3.4 ---------------------------------------------------------------------------------------------------3.67W
Package Thermal Resistance
(Note 2)
WL-CSP-48B 3x3.4,
JA---------------------------------------------------------------------------------------------27.2C/W
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------------
260C
Junction Temperature ------------------------------------------------------------------------------------------------
150C
Storage Temperature Range ---------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) -----------------------------------------------------------------------------------------
2kV
MM (Machine Model) -------------------------------------------------------------------------------------------------
200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage Range, RECT ------------------------------------------------------------------------------
5V to 10V
Input Current, RECT--------------------------------------------------------------------------------------------------
1.5A
Output Current, OUT -------------------------------------------------------------------------------------------------
1.5A
Sink Current, ADEN --------------------------------------------------------------------------------------------------
1mA
Sink Current, COM----------------------------------------------------------------------------------------------------
500mA
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input
RECT Under-voltage Lockout
Threshold
VRECT_UVLO
VRECT Rising : 0V  3V
2.6
2.7
2.8
V
RECT UVLO Hysteresis
VRECT Falling : 3V  0V
--
250
--
mV
RECT Over-Voltage Threshold
VRECT_OVP
VRECT Rising : 7V  13V
11
11.5
12
V
RECT Over-Voltage
Hysteresis
VRECT Falling : 13V  7V
--
150
--
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com