Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 15Page - Richtek Technology Corporation RT1650 Datasheet HTML 16Page - Richtek Technology Corporation RT1650 Datasheet HTML 17Page - Richtek Technology Corporation RT1650 Datasheet HTML 18Page - Richtek Technology Corporation RT1650 Datasheet HTML 19Page - Richtek Technology Corporation RT1650 Datasheet HTML 20Page - Richtek Technology Corporation RT1650 Datasheet HTML 21Page - Richtek Technology Corporation RT1650 Datasheet HTML 22Page - Richtek Technology Corporation RT1650 Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
19
Figure 12. Example of the Differential Bi-phase
Encoding
End Power Transfer Packet (WPC Header 0x02)
The End Power Transfer (EPT) packet is a special
command for the RT1650 to request the transmitter to
terminate power transfer. Table 2 specifies the reasons
coulomb and their responding data field value. The
condition column corresponds to the values sent by the
RT1650 for a given reason.
Table 2. End Power Transfer (EPT) packet
Reason
Value
Condition
Unknown
0x00
VADD > 3.6V
Charge
Complete
0x01
From I2C, MODE0 = High
or VTS = High
Internal Fault
0x02
TJ > 150°C
Over
Temperature
0x03
VTS < VTS_HOT, VTS >
VTS_COLD or VTS = Low
Over Voltage
0x04
Not Sent
Over Current
0x05
Not Sent
Battery
Failure
0x06
From I2C
Reconfigure
0x07
Not Sent
No
Response
0x08
VRECT target doesn’t
converge
Operation Mode Control
The RT1650 provides 2 input pins for operating mode
control. Table 4 shows an example of operating mode
control for wireless power and external adapter power.
In default mode, both MODE0 and MODE1 are low, the
wireless power is enabled and the adapter power has a
higher priority. The wireless power is the normally
operation. Once the adapter power is detected, the
wireless power will be turned off and the ADEN will be
pulled low to turn on the external switch for connecting
the adapter power to system load. When the MODE1 is
pulled to high, the adapter power will be turned off by
the external switch and enters wireless mode to allow
wireless power operation only In adapter mode, the
wireless power is turned off always and ADEN is pulled
low to turn on external switch for adapter power In this
mode, it allows an external charger operating in USB
OTG mode to connect the OUT pin to power the USB
at ADD pin. If both MODE0 and MODE1 pins are pulled
to high, the wireless power and adapter power are
disabled.
Table 4. Operation Mode Control
Mode
MODE0 MODE1
Wireless
Power
Adapter
Power
OTG
Default
0
0
ON
ON(*)
OFF
Wireless 0
1
ON
OFF
OFF
Adapter 1
0
OFF
ON
Allowed
Disable
1
1
OFF
OFF
OFF
(*)Note: If both adapter power and wireless power are
present, adapter power is given higher priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com