Electronic Components Datasheet Search
  English  ▼

X  

RT1650 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 4Page - Richtek Technology Corporation RT1650 Datasheet HTML 5Page - Richtek Technology Corporation RT1650 Datasheet HTML 6Page - Richtek Technology Corporation RT1650 Datasheet HTML 7Page - Richtek Technology Corporation RT1650 Datasheet HTML 8Page - Richtek Technology Corporation RT1650 Datasheet HTML 9Page - Richtek Technology Corporation RT1650 Datasheet HTML 10Page - Richtek Technology Corporation RT1650 Datasheet HTML 11Page - Richtek Technology Corporation RT1650 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Dynamic VRECT Setting-1
VRECT_SET1
(Note 5)
--
7
--
V
Dynamic VRECT Setting-2
VRECT_SET2
(Note 5)
--
6.3
--
Dynamic VRECT Setting-3
VRECT_SET3
(Note 5)
--
5.8
--
Dynamic VRECT Setting-4
VRECT_SET4
(Note 5)
--
5.3
--
V
IOUT Hysteresis for Dynamic
VRECT Settings
IOUT_TH_HYS
(Note 5)
--
5
--
%
RECT Quiescent Current
IQ
--
8
--
mA
Regulator Output
OUT Regulation Voltage
VOUT_REG
IOUT = 1mA
4.95
5
5.05
V
IOUT = 1A
4.94
4.99
5.04
IOUT = 1.5A
4.90
4.96
5.02
Regulator Drop-out Voltage
VDROP
VRECT –VOUT, IOUT = 1A
--
100
200
mV
Output Current Limit Tolerance IOUT_LIMIT
IOUT =1.5A
10
-
10
%
OUT Leakage Current
IOUT_LKG
Disabled, VOUT = 5V
--
40
--
A
Synchronous Rectifier
Programmable IOUT Threshold
Range to Enable
Half-Synchronous Rectifier
ISR_TH
IOUT Rising
(Note 5)
50
--
500
mA
Programmable IOUT Threshold
Range to Enable
Full-Synchronous Rectifier
IOUT Rising
(Note 5)
150
--
750
Programmable IOUT Hysteresis
Range
IOUT Falling
(Note 5)
25
--
100
Rectifier Diode Voltage in
Asynchronous Mode
VDIODE
IAC-VRECT = 250mA
--
0.65
--
V
TS Sense/Control Input
TS Thermoregulation
Threshold
VTS_REG
VTS Falling
(Note 5)
--
786
--
mV
Too-Hot Protection Threshold
VTS_HOT
VTS Falling
(Note 5)
--
278
--
mV
Too-Cold Protection Threshold VTS_COLD
VTS Rising
(Note 5)
--
1.82
--
V
TS Output Current
ITS
--
60
--
A
Over-Temperature Protection
Over-Temperature Protection
Threshold
TJ
(Note 5)
--
150
--
°C
Over-Temperature Protection
Hysteresis
(Note 5)
--
20
--
CHG Indicator Output
CHG Low-Level Output
Voltage
VCHG_L
ISINK = 5mA
--
--
100
mV
CHG Leakage Current when
disabled
ICHG_LKG
VCHG = 20V
--
--
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com