Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 199 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 199 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 195Page - National Semiconductor (TI) PC87417 Datasheet HTML 196Page - National Semiconductor (TI) PC87417 Datasheet HTML 197Page - National Semiconductor (TI) PC87417 Datasheet HTML 198Page - National Semiconductor (TI) PC87417 Datasheet HTML 199Page - National Semiconductor (TI) PC87417 Datasheet HTML 200Page - National Semiconductor (TI) PC87417 Datasheet HTML 201Page - National Semiconductor (TI) PC87417 Datasheet HTML 202Page - National Semiconductor (TI) PC87417 Datasheet HTML 203Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
199
www.national.com
9.3.29
Power Active Timers Control Register (PWTMRCTL)
This register controls the reset by software of the VDD and VSB Active Timers. It is reset by hardware to 00h.
Power Well:VPP
Location: Bank 1, Offset 18h
Type:
Varies per bit
9.3.30
S0 to S5 Sleep Type Encoding Registers (S0_SLP_TYP to S5_SLP_TYP)
These registers hold the system Sleep Type encoding for each sleep state: Working (G0/S0), Sleeping (G1/S1-S4) and
Soft-off (G2/S5). The Sleep Type is defined by the SLP_TYPx field of the PM1b_CNT_HIGH register (see Section 9.4.7
on page 208). These registers are reset by hardware to 00h.
Power Well:VPP
Location: Bank 2, Offset 10h to 15h
Type:
R/W or RO
Bit
76
5
43210
Name
LOCK
_TMRRST
Reserved
VSB_TMR
_RST
Reserved
VDD_TMR
_RST
Reset
0
0
0
00000
Bit
Type
Description
7
R/W1S LOCK_TMRRST (Lock Timers Reset). When set to 1, this bit locks the VSB_TMR_RST and
VDD_TMR_RST bits by disabling the writing to them (including to the LOCK_TMRRST bit itself). Once
set, this bit can be cleared either by VDD Power-Up reset (or Hardware reset) or by VSB Power-Up
reset, according to the VSBLOCK bit in the ACBLKCTL register (see Section 6.3.4 on page 128). In
addition, this bit is cleared by setting the UNLOCKS bit in the ACBLKCTL register (PC87413 and
PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-3
Reserved.
2
R/W or
RO
VSB_TMR_RST (VSB Active Timer Reset). Writing ‘1’ to this bit resets the VSB Active Timer (the timer
is reset within 1 second following the write). This bit then returns to ‘0’ (read always returns ‘0’).
0: Inactive (default)
1: Reset the VSB Active Timer
1
Reserved.
0
R/W or
RO
VDD_TMR_RST (VDD Active Timer Reset). Writing ‘1’ to this bit resets the VDD Active Timer (the timer
is reset within 1 second following the write). This bit then returns to ‘0’ (read always returns ‘0’).
0: Inactive (default)
1: Reset the VDD Active Timer
Bit
76
5
43210
Name
Reserved
SLP_TYP_ENC
Reset
0
0
0
00000
Bit
Description
7-3
Reserved.
2-0
SLP_TYP_ENC (Sleep Type Encoding). The value used by the system for the sleep state defined by the
specific register. This value must always be set after VPP reset (default = 000b). For sleep states not supported
by the system, select an unused value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com