Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 201 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 201 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 197Page - National Semiconductor (TI) PC87417 Datasheet HTML 198Page - National Semiconductor (TI) PC87417 Datasheet HTML 199Page - National Semiconductor (TI) PC87417 Datasheet HTML 200Page - National Semiconductor (TI) PC87417 Datasheet HTML 201Page - National Semiconductor (TI) PC87417 Datasheet HTML 202Page - National Semiconductor (TI) PC87417 Datasheet HTML 203Page - National Semiconductor (TI) PC87417 Datasheet HTML 204Page - National Semiconductor (TI) PC87417 Datasheet HTML 205Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
201
www.national.com
9.3.32
ACPI Configuration Register (ACPI_CFG)
This register configures some of the ACPI wake-up events and the PWBTOUT operation mode. It is reset by hardware to
00h.
Power Well:VPP
Location: Bank 2, Offset 17h
Type:
R/W
Bit
76
5
43210
Name
PWBTOUT
_MODE
Reserved
RTC_EV
_DIS
SLPBTN
_EV_DIS
PWRBTN
_EV_DIS
Reset
0
0
0
00000
Bit
Description
7
PWBTOUT_MODE (PWBTOUT Mode). When reset, this bit enables the pulsing of the PWBTOUT pin whenever
an enabled wake-up event occurs.
0: PWBTOUT pulsed by (default):
— PWBTIN activation
— Crowbar condition
— Wake-Up events
1: PWBTOUT pulsed by:
— PWBTIN activation
— Crowbar condition
6-3
Reserved.
2
RTC_EV_DIS (RTC Event Disable). Disables the RTC alarm event to the PM1b_STS_HIGH and
PM1b_EN_HIGH, ACPI registers (RTC_STS = 0, RTC_EN = 0). However, the RTC_EVT_STS bit in the
GPE1_STS_3 register and the RTC_EVT_EN bit in the GPE1_EN_3 register are not affected.
0: Disable event (default)
1: Enable the RTC alarm event
1
SLPBTN_EV_DIS (Sleep Button Event Disable). Enables the Sleep button pressing event to the
PM1b_STS_HIGH and PM1b_EN_HIGH ACPI registers (SLPBTN_STS = 0, SLPBTN_EN = 0). The
SLBT_EVT_STS bit in the GPE1_STS_2 register and the SLBT_EVT_EN bit in the GPE1_EN_2 register are not
affected.
0: Disable event (default)
1: Enable Sleep button pressing event
0
PWRBTN_EV_DIS (Power Button Event Disable). Enables the Power button pressing event to the
PM1b_STS_HIGH and PM1b_EN_HIGH ACPI registers (PWRBTN_STS = 0, PWRBTN_EN = 0). The
PWBT_EVT_STS bit in the GPE1_STS_2 register and the PWBT_EVT_EN bit in the GPE1_EN_2 register are
not affected.
0: Disable event (default)
1: Enable Power button pressing event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com