Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 221Page - National Semiconductor (TI) PC87417 Datasheet HTML 222Page - National Semiconductor (TI) PC87417 Datasheet HTML 223Page - National Semiconductor (TI) PC87417 Datasheet HTML 224Page - National Semiconductor (TI) PC87417 Datasheet HTML 225Page - National Semiconductor (TI) PC87417 Datasheet HTML 226Page - National Semiconductor (TI) PC87417 Datasheet HTML 227Page - National Semiconductor (TI) PC87417 Datasheet HTML 228Page - National Semiconductor (TI) PC87417 Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 257 page
background image
10.0 Legacy Functional Blocks (Continued)
Revision 1.2
225
www.national.com
10.3 SERIAL PORTS (SP1 AND SP2)
10.3.1
General Description
The identical Serial Port functional blocks SP1 and SP2 both support serial data communication with a remote peripheral
device or modem using a wired interface. The Serial Ports can function in one of three modes:
q
16450-Compatible mode (Standard 16450)
q
16550-Compatible mode (Standard 16550)
q
Extended mode
Extended mode provides advanced functionality for the UART.
The Serial Ports provide receive and transmit channels that can operate concurrently in full-duplex mode. They perform all
functions required to conduct parallel data interchange with the system and composite serial data exchange with the external
data channel, including:
q
Format conversion between the internal parallel data format and the external programmable composite serial format
q
Serial data timing generation and recognition
q
Parallel data interchange with the system using a choice of bidirectional data transfer mechanisms
q
Status monitoring for all phases of communication activity
q
Complete MODEM-control capability.
Existing 16550-based legacy software is completely and transparently supported. Module organization and specific fallback
mechanisms switch the module to 16550-Compatible mode on reset or when initialized by 16550 software.
10.3.2
Register Bank Overview
Four register banks, each containing eight registers, control Serial Port operation. All registers use the same 8-byte address
space to indicate offsets 00h through 07h. The active bank must be selected by the software.
The register bank organization enables access to the banks as required for activation of all module modes, while maintaining
transparent compatibility with 16450 or 16550 software.
The Bank Selection register (BSR) selects the active bank and is common to all banks as shown in Figure 52. Therefore,
each bank defines seven new registers.
The default bank selection after system reset is 0.
Figure 52. Register Bank Architecture
BANK 0
BANK 1
BANK 2
BANK 3
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
16550 Banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com