Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 224Page - National Semiconductor (TI) PC87417 Datasheet HTML 225Page - National Semiconductor (TI) PC87417 Datasheet HTML 226Page - National Semiconductor (TI) PC87417 Datasheet HTML 227Page - National Semiconductor (TI) PC87417 Datasheet HTML 228Page - National Semiconductor (TI) PC87417 Datasheet HTML 229Page - National Semiconductor (TI) PC87417 Datasheet HTML 230Page - National Semiconductor (TI) PC87417 Datasheet HTML 231Page - National Semiconductor (TI) PC87417 Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 257 page
background image
10.0 Legacy Functional Blocks (Continued)
www.national.com
228
Revision1.2
Table 69. Bank 1 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
LBGD(L)
LBGD7-0
01h
LBGD(H)
LBGD15-8
02h
Reserved
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1-0
BSR
BKSE
BSR6-0
04h-07h
Reserved
Table 70. Bank 2 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
BGD(L)
BGD7-0
01h
BGD(H)
BGD15-8
02h
EXCR1
BTEST
Reserved
ETDLBK
LOOP
Reserved
EXT_SL
03h
BSR
BKSE
BSR6-0
04h
EXCR2
LOCK
Reserved
PRESL1-0
Reserved
05h
Reserved
06h
TXFLV
Reserved
TFL4-0
07h
RXFLV
Reserved
RFL4-0
Table 71. Bank 3 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
MRID
MID3-0
RID3-0
01h
SH_LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1-0
02h
SH_FCR
RXFTH1-0
TXFTH1-0
Reserved
TXSR
RXSR
FIFO_EN
03h
BSR
BKSE
BSR6-0
04-07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com