Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 252 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 252 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 248Page - National Semiconductor (TI) PC87417 Datasheet HTML 249Page - National Semiconductor (TI) PC87417 Datasheet HTML 250Page - National Semiconductor (TI) PC87417 Datasheet HTML 251Page - National Semiconductor (TI) PC87417 Datasheet HTML 252Page - National Semiconductor (TI) PC87417 Datasheet HTML 253Page - National Semiconductor (TI) PC87417 Datasheet HTML 254Page - National Semiconductor (TI) PC87417 Datasheet HTML 255Page - National Semiconductor (TI) PC87417 Datasheet HTML 256Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
252
Revision1.2
11.5.9
Serial Ports 1 and 2 Timing
Serial Port Data Timing
Modem Control Timing
Symbol
Parameter
Conditions
Min
Max
Unit
tBT
Single Bit Time in Serial Port1
1. Not tested. Guaranteed by design.
Transmitter
tBTN − 25
2
2.
tBTN is the nominal bit time in the Serial Port; it is determined by the setting of the Baud Generator Divisor
registers.
tBTN +25
2
ns
Receiver
tBTN − 2%
2
tBTN +2%
2
ns
Symbol
Parameter
Min
Max
Unit
tL
RI2,1 Low Time1,2
1. Not tested. Guaranteed by characterization
2. This value also applies to RI2,1 wake-up detection in the SWC module.
10
ns
tH
RI2,1 High Time1,2
10
ns
tSIM
Delay to Set IRQ from Modem Input
40
ns
tBT
SIN1, SIN2
SOUT1, SOUT2
CTS, DSR, DCD
INTERRUPT
(Read MSR)
RI
tSIM
tSIM
tSIM
tH
tL
(Read MSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com