Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 255 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 255 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 249Page - National Semiconductor (TI) PC87417 Datasheet HTML 250Page - National Semiconductor (TI) PC87417 Datasheet HTML 251Page - National Semiconductor (TI) PC87417 Datasheet HTML 252Page - National Semiconductor (TI) PC87417 Datasheet HTML 253Page - National Semiconductor (TI) PC87417 Datasheet HTML 254Page - National Semiconductor (TI) PC87417 Datasheet HTML 255Page - National Semiconductor (TI) PC87417 Datasheet HTML 256Page - National Semiconductor (TI) PC87417 Datasheet HTML 257Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 255 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
255
www.national.com
Power Button Override
Figure 70. Power Button Override Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
tPBOV
70
Power Button Override1
1. Not tested. Guaranteed by design.
After PWBTIN active
3.89 s
3.92 s
tOVEX
70
Power Button Override
Extension1
After the end of tPBOV
0.2 s
0.24 s
tPBID
70
PWBTIN disable time1
After a Power-Off event
1 s
1.25 s
tPBOV
PWBTIN
PWBTOUT
ONCTL
tOVEX
tPBID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com