Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 101Page - National Semiconductor (TI) PC87417 Datasheet HTML 102Page - National Semiconductor (TI) PC87417 Datasheet HTML 103Page - National Semiconductor (TI) PC87417 Datasheet HTML 104Page - National Semiconductor (TI) PC87417 Datasheet HTML 105Page - National Semiconductor (TI) PC87417 Datasheet HTML 106Page - National Semiconductor (TI) PC87417 Datasheet HTML 107Page - National Semiconductor (TI) PC87417 Datasheet HTML 108Page - National Semiconductor (TI) PC87417 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
105
www.national.com
Figure 26. Turbo Latched Address Mode - X-Bus Write Access Cycle
5.3
X-BUS PROTECTION
The PC8741x devices include a mechanism to protect the settings of the X-Bus mapping functions and the contents of the
memories mapped to it. This mechanism consists of three separate lock mechanisms, which must all be in use to obtain the
most comprehensive protection:
q
Lock the memory mapping by the host, using the lock bit in the X-Bus Memory Configuration register and X-Bus I/O
Configuration register.
q
Lock the bits of the X-Bus Select n Configuration register and X-Bus Mode n register, using the lock bit in the respec-
tive X-Bus Mode register.
q
A Memory protection mechanism is available for XCS0 and XCS1. This protects the contents of up to two memory
devices (one for each chip-select) for read and/or write with a granularity of 16 blocks each. This is done using the
Host Access Protect registers 0 and 1 for XCS0 and XCS1, respectively.
Note that access protection is provided only for XCS0 and XCS1. Absolute access protection is only enabled by using all
three lock levels.
The Memory protection mechanism pertains to the X-Bus address and the chip-select (XCS0 or XCS1) involved in the trans-
action. The size of a protected block is determined by dividing the size of each BIOS Zone by 16 (see Section 3.15.12 on
page 84). Table 31 on page 106 shows the protected block size for different BIOS Zone sizes.
CLK
(Internal; for
XD7-0
XA27-0
XA11-0
XCSn
XWR_XRW
(After Latching)
[27-20]
A
[19-12]
A
XRD_XEN
XSTB2
XSTB1
XSTB0
(Availability on Device Pins
Depends on Multiplexing)
Transaction Continues as for Non-Latched, Turbo X-Bus Address Mode 0 Write
[11-4]
A
Starting point
[7-0]
D
Reference Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com