Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 103Page - National Semiconductor (TI) PC87417 Datasheet HTML 104Page - National Semiconductor (TI) PC87417 Datasheet HTML 105Page - National Semiconductor (TI) PC87417 Datasheet HTML 106Page - National Semiconductor (TI) PC87417 Datasheet HTML 107Page - National Semiconductor (TI) PC87417 Datasheet HTML 108Page - National Semiconductor (TI) PC87417 Datasheet HTML 109Page - National Semiconductor (TI) PC87417 Datasheet HTML 110Page - National Semiconductor (TI) PC87417 Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
107
www.national.com
5.4
X-BUS REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from a specific register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
5.4.1
X-Bus Register Map
The following table lists the X-Bus registers. All these registers are VSB powered.
Offset
Mnemonic
Register Name
Type
Power Well
Section
00h
XBCNF
X-Bus Configuration Register.
R/W or RO
VSB
5.4.2
01h
XZCNF0
X-Bus Select 0 Configuration Register.
R/W or RO
VSB
5.4.3
02h
XZCNF1
X-Bus Select 1 Configuration Register.
R/W or RO
VSB
5.4.3
04h
XIRQC
X-Bus IRQ Configuration Register.
R/W
VSB
5.4.4
08h
XIMA0
X-Bus Indirect Memory Address Register 0.
R/W
VSB
5.4.5
09h
XIMA1
X-Bus Indirect Memory Address Register 1.
R/W
VSB
5.4.6
0Ah
XIMA2
X-Bus Indirect Memory Address Register 2.
R/W
VSB
5.4.7
0Bh
XIMA3
X-Bus Indirect Memory Address Register 3.
R/W
VSB
5.4.8
0Ch
XIMD
X-Bus Indirect Memory Data Register.
R/W
VSB
5.4.9
0Dh
XZCNF2
X-Bus Select 2 Configuration Register.
R/W or RO
VSB
5.4.3
0Eh
XZCNF3
X-Bus Select 3 Configuration Register.
R/W or RO
VSB
5.4.3
0Fh
XZM0
X-Bus Select 0 Mode Register.
Varies per bit
VSB
5.4.10
10h
XZM1
X-Bus Select 1 Mode Register.
Varies per bit
VSB
5.4.10
11h
XZM2
X-Bus Select 2 Mode Register.
Varies per bit
VSB
5.4.10
12h
XZM3
X-Bus Select 3 Mode Register.
Varies per bit
VSB
5.4.10
13h
HAP0
Host Access Protect Register 0.
Varies per bit
VSB
5.4.11
14h
HAP1
Host Access Protect Register 1.
Varies per bit
VSB
5.4.11
Other
Reserved for National use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com