Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 117Page - National Semiconductor (TI) PC87417 Datasheet HTML 118Page - National Semiconductor (TI) PC87417 Datasheet HTML 119Page - National Semiconductor (TI) PC87417 Datasheet HTML 120Page - National Semiconductor (TI) PC87417 Datasheet HTML 121Page - National Semiconductor (TI) PC87417 Datasheet HTML 122Page - National Semiconductor (TI) PC87417 Datasheet HTML 123Page - National Semiconductor (TI) PC87417 Datasheet HTML 124Page - National Semiconductor (TI) PC87417 Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
Revision 1.2
121
www.national.com
After the last bytes of a write transaction, if the master supplies additional ACBCLK cycles, the PC8741x device receives the
PEC byte and compare it with the calculated PEC value. Otherwise, it just ignores the calculated PEC. If the comparison
fails, the PC8741x device generates a NACK bit at the end of the PEC byte and sets the PECERR bit in the ACBCST register
(see Section 6.3.2 on page 127) but does not execute the write transaction.
At the end of the last byte of a read transaction, if the master generates an ACK for the last byte (instead of a NACK), the
PC8741x device sends the calculated PEC value during the following byte. Otherwise, it discards the calculated PEC.
PEC Implementation
The PEC is an 8-bit cyclic redundancy check (CRC-8) value attached at the end of an ACCESS.bus transaction as the last
byte transmitted before the Stop condition.
The PC8741x device calculates the PEC value by hardware (bit-by-bit), using all the bytes in the transaction (except the PEC
byte itself). PEC calculation does not include Start, Restart, Stop, ACK or NACK, which are bus control bits and not data
bits. The PEC value is generated using the polynomial C(x) = x8 +x2 +x1 + 1, which is specified in Intel's SMBus Specifica-
tion (Rev 1.1 Dec. 11, 1998). During a read transaction, the PEC value is generated by the PC8741x device and checked
by the master; during a write transaction, it is generated by the master and checked by the slave.
6.2.9
ACCESS.bus Protocol
The protocol is based on five basic byte types: Save Address, Command, Offset Address, Data and PEC; these are de-
scribed below. An error is flagged in the following cases:
q
If the number of bytes in the transaction differs from the number of bytes required by the Command byte.
q
For Command byte type, if the reserved bit is not zero.
When an error is flagged, a NACK is generated at the end of the current byte (the current transaction is aborted) and the
ILGCOM bit in the ACBCST register is set (see Section 6.3.2 on page 127).
Slave Address Byte Type
Bit
76543210
Name
SLAVEAD
ACBRW
Bit
Description
7-1
SLAVEAD (Slave Address). This seven-bit field indicates the slave address of the accessed device. If its value
is the same as the one selected during the set-up process (see Section 6.2.6), the PC8741x device responds
to the present transaction.
0
ACBRW (ACCESS.bus Read/Write Mode). Selects the transfer direction for the current transaction.
0: Write ACCESS.bus transaction (from master to slave) - equivalent to an even 8-bit slave address
1: Read ACCESS.bus transaction (from slave to master) - equivalent to an odd 8-bit slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com